Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA02TMTH Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE24LA02TMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA02TMTH Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE24LA02TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
11
AC Characteristics
Applicable over recommended operating range from TA = -40℃ to +85℃, VCC = +1.7V to +5.5V, CL = 1 TTL Gate
and 100 pF (unless otherwise noted)
Symbol
Parameter
1.7V≦VCC<2.5V
2.5V≦VCC≦5.5V
Units
Min
Typ
Max
Min
Typ
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
TLOW
Clock Pulse Width Low
0.6
0.6
s
THIGH
Clock Pulse Width High
0.4
0.4
s
TI
Noise Suppression Time
50
50
ns
TAA
Clock Low to Data Out Valid
0.1
0.55
0.1
0.55
s
TBUF
Time the bus must be free before a
new transmission can Start
0.5
0.5
s
THD.STA
Start Hold Time
0.25
0.25
s
TSU.STA
Start Setup Time
0.25
0.25
s
THD.DAT
Data In Hold Time
0.
0
s
TSU.DAT
Data In Setup Time
100
100
ns
TR
Inputs Rise Time (1)
0.3
0.3
µs
TF
Inputs Fall Time (1)
0.3
0.3
µs
TSU.STO
Stop Setup Time
0.25
0.25
s
TDH
Data Out Hold Time
50
50
ns
TWR
Write Cycle Time
1.9
3
1.9
3
ms
Endurance
5.0V, 25℃, Page Mode(1)
1M
Write
Cycles
Notes:
1.
This parameter is characterized and is not 100% tested.
2.
AC measurement conditions: RL (connects to VCC): 1.3 k
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall time: 50 ns
Input and output timing reference voltages: 0.5 VCC
The value of RL should be concerned according to the actual loading on the user's system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com