Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCYCEUP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCYCEUP
Description  Exterior Automotive Lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYCEUP Datasheet(HTML) 1 Page - OSRAM GmbH

  LCYCEUP Datasheet HTML 1Page - OSRAM GmbH LCYCEUP Datasheet HTML 2Page - OSRAM GmbH LCYCEUP Datasheet HTML 3Page - OSRAM GmbH LCYCEUP Datasheet HTML 4Page - OSRAM GmbH LCYCEUP Datasheet HTML 5Page - OSRAM GmbH LCYCEUP Datasheet HTML 6Page - OSRAM GmbH LCYCEUP Datasheet HTML 7Page - OSRAM GmbH LCYCEUP Datasheet HTML 8Page - OSRAM GmbH LCYCEUP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-10-02
1
2015-10-02
OSLON Compact CL
Datasheet
Version 1.2
LCY CEUP
Compact light source with a typical luminous flux of
125 lm at 700 mA and an operation range of 50 mA up
to 1000 mA
Kompakte Lichtquelle mit einem typischen Lichtstrom
von 125 lm bei 700 mA und einer Betriebsweite
zwischen 50 mA und 1000 mA
Features:
Besondere Merkmale:
•
Package: Ceramic package
•
Gehäusetyp: Keramikgehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931
(yellow)
•
Farbe: Cx = 0.57, Cy = 0.42 nach CIE 1931 (gelb)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen


Similar Part No. - LCYCEUP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYCEUP-6L6M-5F5G-8E8G OSRAM-LCYCEUP-6L6M-5F5G-8E8G Datasheet
693Kb / 22P
Exterior Automotive Lighting
More results

Similar Description - LCYCEUP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-01SURC ETC-30-01SURC Datasheet
144Kb / 4P
AUTOMOTIVE EXTERIOR LIGHTING
logo
OSRAM GmbH
LCYCEUP-6L6M-5F5G-8E8G OSRAM-LCYCEUP-6L6M-5F5G-8E8G Datasheet
693Kb / 22P
Exterior Automotive Lighting
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
Exterior Automotive Lighting
LCYH9PP-7J6K-5F5G-1 OSRAM-LCYH9PP-7J6K-5F5G-1 Datasheet
1Mb / 23P
Exterior Automotive Lighting
LEUWU1A201 OSRAM-LEUWU1A201 Datasheet
2Mb / 19P
Exterior Automotive Lighting
LEUWU1A401 OSRAM-LEUWU1A401 Datasheet
2Mb / 19P
Exterior Automotive Lighting
LCYW5SM OSRAM-LCYW5SM Datasheet
675Kb / 22P
Exterior Automotive Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
Exterior Automotive Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
Automotive Lighting Exterior
KRDMLQ31.23 OSRAM-KRDMLQ31.23_17 Datasheet
724Kb / 22P
Automotive Lighting Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com