Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCEUP.HD Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWCEUP.HD
Description  Headup Display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCEUP.HD Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWCEUP.HD Datasheet HTML 1Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 2Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 3Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 4Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 5Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 6Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 7Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 8Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-07-20
1
2015-07-20
OSLON Compact CL
Datasheet
Version 1.2
LUW CEUP.HD
Compact light source with a typical luminous flux of
260 lm at 1000 mA and an operation range of 50 mA up
to 1500 mA
Kompakte Lichtquelle mit einem typischen Lichtstrom
von 260 lm bei 1000 mA und einer Betriebsweite
zwischen 50 mA und 1500 mA
Features:
Besondere Merkmale:
Package: Ceramic package
Gehäusetyp: Keramikgehäuse
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: Cx = 0.28, Cy = 0.25 acc. to CIE 1931
(ultra white)
Farbe: Cx = 0.28, Cy = 0.25 nach CIE 1931 (ultra
weiß)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
Headup Display
Headup Display


Similar Part No. - LUWCEUP.HD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCEUP.HD-7M6N-U1U3-8E8G OSRAM-LUWCEUP.HD-7M6N-U1U3-8E8G Datasheet
767Kb / 23P
Ceramic package
More results

Similar Description - LUWCEUP.HD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ7WP OSRAM-LEAQ7WP Datasheet
772Kb / 24P
Headup Display
LEBQ7WP OSRAM-LEBQ7WP Datasheet
819Kb / 24P
Headup Display
LECGQ7WP OSRAM-LECGQ7WP Datasheet
1Mb / 26P
Headup Display
KWDMLN32.SB OSRAM-KWDMLN32.SB Datasheet
1,009Kb / 25P
Headup Display
logo
Japan Display Inc.
LPM013M091A DATAMODUL-LPM013M091A_18 Datasheet
2Mb / 47P
Display
LPM013M126A DATAMODUL-LPM013M126A Datasheet
757Kb / 38P
Display
LPM027M128B DATAMODUL-LPM027M128B Datasheet
929Kb / 37P
Display
LPM027M128C DATAMODUL-LPM027M128C Datasheet
2Mb / 37P
Display
LPM044M141A DATAMODUL-LPM044M141A Datasheet
725Kb / 38P
Display
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com