Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCEUP.HD Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUWCEUP.HD
Description  Headup Display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCEUP.HD Datasheet(HTML) 5 Page - OSRAM GmbH

  LUWCEUP.HD Datasheet HTML 1Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 2Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 3Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 4Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 5Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 6Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 7Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 8Page - OSRAM GmbH LUWCEUP.HD Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.2
LUW CEUP.HD
2015-07-20
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22
Durchlassspannungsgruppen 3) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Luminous Intensity
5) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 5) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
7M
224
250
78.2
8M
250
280
87.5
5N
280
315
98.2
6N
315
355
110.6
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com