Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCC
Description  Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCC Datasheet(HTML) 1 Page - Vishay Siliconix

  LCC Datasheet HTML 1Page - Vishay Siliconix LCC Datasheet HTML 2Page - Vishay Siliconix LCC Datasheet HTML 3Page - Vishay Siliconix LCC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LCC, TLCC
www.vishay.com
Vishay Dale Thin Film
Revision: 14-Jul-16
1
Document Number: 60012
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor,
Surface Mount Network
Vishay Dale Thin Film offers a wide resistance range in 16,
20, and 24 terminal hermetic leadless chip carriers. The
standard circuits in the ohmic ranges listed below will utilize
the outstanding wraparound terminations developed for
chip resistors. Should one of the standards not fit your
application, consult the applications engineering group as
we may be able to meet your requirements.
FEATURES
• High purity alumina substrate for high power
dissipation
• Leach resistant terminations with nickel barrier
• 16, 20, 24 terminal gold plated wraparound
true hermetic packaging
• Military/aerospace
• Hermetically sealed
• Isolated/bussed circuits
• Ideal for military/aerospace applications
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
TYPICAL PERFORMANCE
Note
• Resistance range: Noted on schematics.
Actual Size
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.1
NA
Available
Available
SCHEMATIC
10 9 8 7
15 16 1 2
14
11
12
13
3
6
5
4
151413121110
22 23 24 1 2 3
21
16
17
18
19
20
4
9
8
7
6
5
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
15 14 13 12 11 10
22 23 24 1 2 3
21
16
17
18
19
20
4
9
8
7
6
5
10 9
8
7
15 16 1
2
14
11
12
13
3
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
10
9
8
7
15 16
1
2
14
11
12
13
3
6
5
4
151413121110
22 23 24 1 2 3
21
16
17
18
19
20
4
9
8
7
6
5
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
TLCC 16 A01
1 k
Ω to 100 kΩ
TLCC 20 A01
10
Ω to 200 kΩ
TLCC 24 A01
1 k
Ω to 100 kΩ
TLCC 16 A03
100
Ω to 100 kΩ
TLCC 20 A03
10
Ω to 120 kΩ
TLCC 24 A03
1 k
Ω to 100 kΩ
TLCC 16 A06
100
Ω to 100 kΩ
TLCC 20 A06
1 k
Ω to 110 kΩ
TLCC 24 A06
1 k
Ω to 100 kΩ
(10 Isolated Resistors)
(19 Resistors + 1 Common Point)
14
15
16
17
18
8
7
6
5
4
19 20 1 2 3
13 12 11 10 9
14
15
16
17
18
8
7
6
5
4
19 20 1 2 3
13 12 11 10 9
10
Ω to 250 kΩ
10
Ω to 200 kΩ
LCC 20A
LCC 20B


Similar Part No. - LCC

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
Leadless Chip Carrier Package
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
logo
HolyStone International
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
Large Size NP0 & X7R MLCC Capacitors
logo
List of Unclassifed Man...
LCC-16J2 ETC2-LCC-16J2 Datasheet
88Kb / 1P
LCD Character Module 16 x 2
LCC-20K4 ETC2-LCC-20K4 Datasheet
105Kb / 1P
LCD Character Module 20 x 4
More results

Similar Description - LCC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
06-Jul-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
05-May-08
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
25-Apr-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com