Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCC
Description  Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCC Datasheet(HTML) 2 Page - Vishay Siliconix

  LCC Datasheet HTML 1Page - Vishay Siliconix LCC Datasheet HTML 2Page - Vishay Siliconix LCC Datasheet HTML 3Page - Vishay Siliconix LCC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCC, TLCC
www.vishay.com
Vishay Dale Thin Film
Revision: 14-Jul-16
2
Document Number: 60012
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Tantalum nitride film is custom, consult factory.
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
16, 20, 24
-
Resistance Range
10
 to 250 k per resistor
-
TCR: Absolute
± 25 ppm/°C to ± 300 ppm/°C
-55 °C to +125 °C
TCR: Tracking
± 5 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+25 °C
Tolerance: Ratio
N/a
-
Power Rating: Resistor
50 mW max. = common circuits
Maximum at +70 °C
100 mW max. = isolated circuits
Power Rating: Package
500 mW
Maximum at +70 °C
Stability: Absolute
R ± 0.05 %
2000 h at +70 °C
Stability: Ratio
--
Voltage Coefficient
< 5 ppm/V (typical)
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
< -30 dB
-
Thermal EMF
0.008 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
--
DIMENSIONS in inches and millimeters
DIMENSION
16 PINS
20 PINS
24 PINS
INCHES
MILLIMETERS
INCHES
MILLIMETERS
INCHES
MILLIMETERS
A
0.050
1.27
0.050
1.27
0.050
1.27
B
0.300
7.26
0.350
8.89
0.400
10.16
C
0.300
7.26
0.350
8.89
0.400
10.16
D
0.077
1.96
0.077
1.96
0.077
1.96
E
0.025
0.635
0.025
0.635
0.025
0.635
F
0.050
1.27
0.050
1.27
0.050
1.27
G
0.040
1.02
0.040
1.02
0.040
1.02
H
0.020
0.508
0.020
0.508
0.020
0.508
P x R
B
D
max.
G
typ.
A
typ.
E
Typ.
H
Index
Corner
F
C
Terminal 1
Indicator
Terminal 1
0.008"
(0.203)
R Typ.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com