Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MDP01
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP01 Datasheet(HTML) 2 Page - Vishay Siliconix

  MDP01 Datasheet HTML 1Page - Vishay Siliconix MDP01 Datasheet HTML 2Page - Vishay Siliconix MDP01 Datasheet HTML 3Page - Vishay Siliconix MDP01 Datasheet HTML 4Page - Vishay Siliconix MDP01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MDP 01, 03, 05
www.vishay.com
Vishay Dale
Revision: 12-Sep-13
2
Document Number: 31511
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
• For additional impedance codes, refer to the Dual Terminator Impedance Code Table document (www.vishay.com/doc?31530).
GLOBAL MODEL
A
B
C
MDP 14
0.750 (19.05)
0.600 (15.24)
6
MDP 16
0.850 (21.59)
0.700 (17.78)
7
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDP14
MDP16
Package Power Rating (Maximum at +70 °C)
W
1.73
1.92
Voltage Coefficient of Resistance
Veff
< 50 ppm typical
Dielectric Strength
VAC
200
Insulation Resistance
> 10 000M minimum
Operating Temperature Range
°C
-55 to +125
Storage Temperature Range
°C
-55 to +150
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, method 215
Solderability
Per MIL-STD-202, method 208E
Body
Molded epoxy
Terminals
Solder plated leads
Weight
14 pin = 1.3 g; 16 pin = 1.5 g
IMPEDANCE CODES
CODE
R1 ()
R2 ()CODE
R1 ()
R2 ()
500B
82
130
141A
270
270
750B
120
200
181A
330
390
800C
130
210
191A
330
470
990A
160
260
221B
330
680
101C
180
240
281B
560
560
111C
180
270
381B
560
1.2K
121B
180
390
501C
620
2.7K
121C
220
270
102A
1.5K
3.3K
131A
220
330
202B
3K
6.2K
0.010 + 0.005
- 0.002
(0.254 + 0.127
- 0.051)
0.250
± 0.005
(6.35
± 0.127)
0.310
± 0.010
(7.87
± 0.254)
0.290 Min.
0.320 Nom.
0.360 Max.
(7.37 Min.
8.13 Nom.
9.14 Max.)
Pin #1
Non-Accumulative Tol.
"C" Spaces
A
± 0.010 (0.254)
0.030
(0.762) Typ.
0.100
± 0.010
(2.54
± 0.254)
0.075
± 0.015
(1.90
± 0.381)
0.120
± 0.005
(3.05
± 0.127)
0.130 + 0.015
- 0.010
(3.30 + 0.381
- 0.254)
0.050
± 0.005
(1.27
± 0.127)
0.018
± 0.003
(0.457
± 0.076)
B
± 0.010 (0.254)
Pin #1
Identification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com