Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MDP01
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP01 Datasheet(HTML) 3 Page - Vishay Siliconix

  MDP01 Datasheet HTML 1Page - Vishay Siliconix MDP01 Datasheet HTML 2Page - Vishay Siliconix MDP01 Datasheet HTML 3Page - Vishay Siliconix MDP01 Datasheet HTML 4Page - Vishay Siliconix MDP01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MDP 01, 03, 05
www.vishay.com
Vishay Dale
Revision: 12-Sep-13
3
Document Number: 31511
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Standard E24 resistance values stocked. Consult factory.
DERATING
CIRCUIT APPLICATIONS
01 Schematic
13 and 15 resistors with one pin common
The MDPXX01 circuit provides a choice of 13 and 15 nominally equal
resistors, each connected between a common pin (14 and 16) and a
discrete PC board pin. Commonly used in the following applications:
• MOS/ROM Pull-up/Pull-down
• Open Collector Pull-up
• “Wired OR” Pull-up
• Power Driven Pull-up
• TTL Input Pull-down
• Digital Pulse Squaring
• TTL Unused Gate Pull-up
• High Speed Parallel Pull-up
03 Schematic
7 or 8 isolated resistors
The MDPXX03 provides a choice of 7 and 8 nominally equal resistors,
each resistor isolated from all others and wired directly across.
Commonly used in the following applications:
• “Wired OR” Pull-up
• Power Driven Pull-up
• Powergate Pull-up
• Line Termination
• Long-line Impedance Balancing
• LED Current Limiting
• ECL Output Pull-down
• TTL Input Pull-down
05 Schematic
TTL dual-line terminator; pulse squaring
The MDPXX05 circuit contains 12 and 14 series pair of resistors. Each
series pair is connected between ground and a common line. The
junction of these resistor pairs is connected to the input terminals. The
05 circuits are designed for TTL dual-line termination and pulse
squaring.
•
•
•
•
•
•
•
•
Pin #1
MDP1401
MDP1601
MDP1603
MDP1403
Pin #1
MDP1405, MDP1605
Pin #1
R1
R1
R1
R1
R1
R1
R1
R2
R2 R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
16 Pin Package
14 Pin Package
Single Resistor
03
01 and 05
3.00
2.70
0.380
0.190
- 50
+ 25
+ 70
+ 125 + 150
Ambient Temperature °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com