Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MDP45
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP45 Datasheet(HTML) 2 Page - Vishay Siliconix

  MDP45 Datasheet HTML 1Page - Vishay Siliconix MDP45 Datasheet HTML 2Page - Vishay Siliconix MDP45 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDP 45, 46
www.vishay.com
Vishay Dale
Revision: 29-Nov-13
2
Document Number: 31512
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
0.850 ± 0.010
(21.59 ± 0.254)
Pin #1
Identification
Pin #1
0.075 ± 0.015
(1.91 ± 0.381)
0.100 ± 0.010
(2.54 ± 0.254)
Non-Accumulative Tol.
7 Spaces
0.018 ± 0.003
(0.457 ± 0.076)
0.700 ± 0.010
(17.78 ± 0.254)
0.050 ± 0.005
(1.27 ± 0.127)
0.030
(0.762) Typ.
0.120 ± 0.005
(3.05 ± 0.127)
0.130 + 0.015
- 0.010
(3.30 + 0.381
- 0.254)
0.290 (7.37) Min.
0.320 (8.13) Nom.
0.360 (9.14) Max.
0.010 + 0.005
- 0.002
(0.254 + 0.127
- 0.051)
0.250 ± 0.005
(6.35 ± 0.127)
0.310 ± 0.010
(7.87 ± 0.254)
- 50
+ 25
+ 70
+ 125 + 150
2.00
1.00
0.125
MDP1645 Package and
MDP1646 Package
Single Resistor
Derating
Ambient Temperature °C
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDP
SERIES
Maximum Operating Voltage
VDC
100
Voltage Coefficient of Resistance (Typical)
Veff
< 50 ppm/°C
Operating Temperature Range
°C
-55 to +125
Storage Temperature Range
°C
-55 to +150
MECHANICAL SPECIFICATIONS
Marking Resistance
to Solvents
Permanency testing per
MIL-STD-202, method 215
Solderability
Per MIL-STD-202, method 208E
Terminals
Copper alloy, solder plated
Body
Molded epoxy
Weight
1.5 g
PERFORMANCE
TEST
CONDITIONS
MAX.
R (TYPICAL TEST LOTS)
Thermal Shock
5 cycles between -65 °C and +125 °C
± 0.50 %
R
Short Time Overload
2.5 x rated working voltage 5 s
± 0.25 %
R
Low Temperature Operation
45 min at full rated working voltage at -65 °C
± 0.25 %
R
Moisture Resistance
240 h with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
R
Resistance to Soldering Heat
Leads immersed in +260 °C solder to within 1/16" of body for 10 s
± 0.25 %
R
Shock
Total of 18 shocks at 100 g's
± 0.25 %
R
Vibration
12 h at maximum of 20 g's between 10 Hz and 2000 Hz
± 0.25%
R
Load Life
1000 h at +70 °C, rated power applied 1.5 h “ON”, 0.5 h
“OFF” for full 1000 h period. Derated according to the curve.
± 0.50 %
R
Terminal Strength
4 1/2 pound pull for 30 s
± 0.25 %
R
Insulation Resistance
10 000 M
 (minimum)
-
Dielectric Withstanding Voltage
No evidence of arcing or damage (200 VRMS for 1 min)
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com