Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MDP45
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP45 Datasheet(HTML) 1 Page - Vishay Siliconix

  MDP45 Datasheet HTML 1Page - Vishay Siliconix MDP45 Datasheet HTML 2Page - Vishay Siliconix MDP45 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MDP 45, 46
www.vishay.com
Vishay Dale
Revision: 29-Nov-13
1
Document Number: 31512
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
FEATURES
• TTL/ECL
translater
and
SCSI-BUS
signal
terminator schematics available
• 0.190" (4.83 mm) maximum seated height
• Rugged, molded case construction
• Low temperature coefficient (-55 °C to +125 °C),
MDP 1645: ± 100 ppm/°C,
MDP 1646: ± 250 ppm/°C
• Compatible with automatic insertion equipment
• Thick film resistive elements
• Reduces PC board space and reduces total assembly costs
• Available in tube pack
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Note
• For additional information on packaging, refer to the Through-Hole Network Packaging document (www.vishay.com/doc?31542).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
PIN NO.
POWER RATING
ELEMENT
P70 °C
W
POWER RATING
PACKAGE
P70 °C
W
TOLERANCE
± %
RESISTANCE
VALUES
TEMPERATURE
COEFFICIENT
(-55 °C to +125 °C)
± ppm/°C (Typ.)
TCR TRACKING
± ppm/°C
WEIGHT
g
MDP1645
0.125
2.0
2
180, 270, 820
100
150
1.5
MDP1646
0.125
2.0
5
330, 150
250
150
1.5
CIRCUIT APPLICATIONS
TTL to ECL translator
The MDP1645 network consists of 18 resistors of 3 different values,
internally divided into six (6) identical three (3) resistor sections for
TTL to ECL translation.
SCSI-BUS signal terminator
The MDP1646 network consists of 21 resistors of 2 different values,
internally divided into seven (7) identical three (3) resistor sections for
SCSI-BUS terminator applications.
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MDP1646D04 (preferred part number information)
GLOBAL MODEL
PIN COUNT
SCHEMATIC
PACKAGING
SPECIAL
MDP
16
45 = TTL/ECL
translator
46 = Signal
terminator
E04 = Lead (Pb)-free, tube
D04 = Tin/lead, tube
Blank = Standard
(Dash number)
(Up to 3 digits)
From 1 to 999 as applicable
Historical Part Number: MDP1646 (will continue to be accepted)
MDP
16
46
D04
HISTORICAL MODEL
PIN COUNT
SCHEMATIC
PACKAGING
1
16
V
EE
270
Ω
180
Ω
820
Ω
V
CC
V
CC
OUTPUTS TO ECL
TTL INPUTS
MDP1645 Schematic
R
1
R
2
R
1
8
9
16
1
330
Ω
150
Ω
330
Ω
MDP1646 Schematic
4
0
D
6
4
6
1
P
D
M


Similar Part No. - MDP45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
More results

Similar Description - MDP45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
21-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com