Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13012 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13012
Description  Flare Lens
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13012 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13012 Datasheet HTML 1Page - Ledil, Inc. C13012 Datasheet HTML 2Page - Ledil, Inc. C13012 Datasheet HTML 3Page - Ledil, Inc. C13012 Datasheet HTML 4Page - Ledil, Inc. C13012 Datasheet HTML 5Page - Ledil, Inc. C13012 Datasheet HTML 6Page - Ledil, Inc. C13012 Datasheet HTML 7Page - Ledil, Inc. C13012 Datasheet HTML 8Page - Ledil, Inc. C13012 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
PRODUCT DATASHEET
Flare series
last update 8/1/2018
DETAILS
Product Number
C13012_FLARE-MAXI-D
Family
Flare
Type
Lens
Color
clear
Diameter
33,9 + 33,3 mm
Height
16,7 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
8/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
110+15 deg
REC-class
94 %
1.700
-
XP-G
115+15 deg
REC-class
94 %
1.900
-
XT-E
117+14 deg
REC-class
94 %
1.900
-
MK-R
100+23 deg
REC-class
92 %
1.200
-
XP-G2
106+14 deg
REC-class
94 %
2.000
-
XM-L2
101+17 deg
REC-class
94 %
1.900
-
XP-L
119+16 deg
REC-class
94 %
1.480
-
XHP50
104+19 deg
REC-class
92 %
1.300
-
XHP70
104+28 deg
REC-class
92 %
0.940
-
XP-L2
107+16 deg
REC-class
94 %
1.500
-
XHP50.2
sim: 92+20
REC-class
sim: 94 % sim: 1.530 -
LUXEON M/MX
102+25 deg
REC-class
94 %
1.400
-
LUXEON A
104+12 deg
REC-class
94 %
2.100
-
LUXEON Rebel ES
104+13 deg
REC-class
94 %
2.000
-
LUXEON T
102+13 deg
REC-class
92 %
1.800
-
LUXEON H50-2
sim: 10+65
REC-class
sim: 92 % sim: 3.300 -
LUXEON MZ
101+16 deg
REC-class
94 %
1.900
-
LUXEON TX
103+13 deg
REC-class
93 %
2.060
-
NVSxx19B/NVSxx19C
116+13 deg
REC-class
94 %
1.700
-
NS9x383
110+16 deg
REC-class
93 %
1.500
-
NCSxx19B
107+13 deg
REC-class
94 %
2.100
-
NWSx229A
117+15 deg
REC-class
92 %
1.600
-
NV4x144A
111+20 deg
REC-class
89 %
0.600
-
Oslon Square EC
99+14 deg
REC-class
94 %
2.000
-
Oslon Square PC
104+12 deg
REC-class
94 %
2.000
-
January 24th 2018 2:19 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13012

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13012 CREE-C13012 Datasheet
3Mb / 59P
Flare series
More results

Similar Description - C13012

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPFL DIALIGHT-OPFL Datasheet
116Kb / 2P
FLARE LENS
logo
Cree, Inc
C13012 CREE-C13012 Datasheet
3Mb / 59P
Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
Flare series
C12763 CREE-C12763 Datasheet
1Mb / 25P
Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
Flare series
logo
Ledil, Inc.
C10946 LEDIL-C10946 Datasheet
879Kb / 13P
Flare Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com