Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13012 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C13012
Description  Flare Lens
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13012 Datasheet(HTML) 3 Page - Ledil, Inc.

  C13012 Datasheet HTML 1Page - Ledil, Inc. C13012 Datasheet HTML 2Page - Ledil, Inc. C13012 Datasheet HTML 3Page - Ledil, Inc. C13012 Datasheet HTML 4Page - Ledil, Inc. C13012 Datasheet HTML 5Page - Ledil, Inc. C13012 Datasheet HTML 6Page - Ledil, Inc. C13012 Datasheet HTML 7Page - Ledil, Inc. C13012 Datasheet HTML 8Page - Ledil, Inc. C13012 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
0%
25%
50%
75%
100%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Relative intensity of C13012_FLARE-MAXI-D_(Duris_S10)
0-180
90-270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com