Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14530 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14530
Description  Florence Lens
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14530 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14530 Datasheet HTML 1Page - Ledil, Inc. C14530 Datasheet HTML 2Page - Ledil, Inc. C14530 Datasheet HTML 3Page - Ledil, Inc. C14530 Datasheet HTML 4Page - Ledil, Inc. C14530 Datasheet HTML 5Page - Ledil, Inc. C14530 Datasheet HTML 6Page - Ledil, Inc. C14530 Datasheet HTML 7Page - Ledil, Inc. C14530 Datasheet HTML 8Page - Ledil, Inc. C14530 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
PRODUCT DATASHEET
Florence series
last update 20/5/2015
DETAILS
Product Number
C14530_FLORENCE-1R-Z2T25
Family
Florence
Type
Lens
Color
clear
Diameter
19,5 x 286 mm
Height
6,4 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
20/05/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
L0-280024-xxx-C0800-L267
Asymmetric degAsymmetric 87 %
0.420
-
XH-B/G
Asymmetric degAsymmetric 87 %
0.410
-
LG 5630
sim: AsymmetricAsymmetric sim: 86 % -
-
LUXEON 3535L
Asymmetric degAsymmetric 90 %
0.470
-
LUXEON 3030 2D
Asymmetric degAsymmetric 87 %
0.460
-
LUXEON 3014
Asymmetric degAsymmetric 91 %
0.610
-
LUXEON 3020
Asymmetric degAsymmetric 91 %
0.610
-
MP-2016
Asymmetric degAsymmetric 88 %
0.590
-
NF2x757D
Asymmetric degAsymmetric 87 %
0.430
-
NF2x757G
Asymmetric degAsymmetric 87 %
0.440
-
Duris S5 (2 chip)
Asymmetric degAsymmetric 87 %
0.430
-
Duris E 2835
sim: AsymmetricAsymmetric sim: 91 % sim: 0.540 -
Fortimo LED Line 1ft 1100lm xx0 1R xV2/xV3
Asymmetric degAsymmetric 92 %
0.490
-
LM302A
Asymmetric degAsymmetric 88 %
0.480
-
LT-S282N
Asymmetric degAsymmetric 90 %
0.470
-
LM301A
Asymmetric degAsymmetric 88 %
0.520
-
LM561C
Asymmetric degAsymmetric 90 %
0.520
-
LM28xB Series
Asymmetric degAsymmetric 90 %
0.480
-
SEOUL 3030
Asymmetric degAsymmetric 88 %
0.460
-
SunLike 3030
Asymmetric degAsymmetric 90 %
0.520
-
CALGD0414-M8W1
Asymmetric degAsymmetric 88 %
0.460
-
CALGD0814-M17W1
Asymmetric degAsymmetric 88 %
0.460
-
January 24th 2018 2:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14530

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14530 CREE-C14530 Datasheet
2Mb / 43P
Florence series
More results

Similar Description - C14530

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14454 LEDIL-C14454 Datasheet
2Mb / 41P
Florence Lens
C14642 LEDIL-C14642 Datasheet
2Mb / 51P
Florence Lens
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14170 LEDIL-F14170 Datasheet
4Mb / 58P
Florence Lens array
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
F15244 LEDIL-F15244 Datasheet
1Mb / 11P
Florence Lens array
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
Florence Lens array
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
Florence Lens array
F15069 LEDIL-F15069 Datasheet
1Mb / 25P
Florence Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com