Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14530 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C14530
Description  Florence Lens
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14530 Datasheet(HTML) 2 Page - Ledil, Inc.

  C14530 Datasheet HTML 1Page - Ledil, Inc. C14530 Datasheet HTML 2Page - Ledil, Inc. C14530 Datasheet HTML 3Page - Ledil, Inc. C14530 Datasheet HTML 4Page - Ledil, Inc. C14530 Datasheet HTML 5Page - Ledil, Inc. C14530 Datasheet HTML 6Page - Ledil, Inc. C14530 Datasheet HTML 7Page - Ledil, Inc. C14530 Datasheet HTML 8Page - Ledil, Inc. C14530 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
* Optics can be snapped
along this line and used
also as single parts.
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
21,58 g
C14530
C14530_FLORENCE-1R-Z2T25
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
C14530
FLORENCE-1R-Z2T25
PMMA
clear
Top view
95.33
c/c
95.33
c/c
285.6
95
approximate length of one optic
Bottom view
A
65.77
23.4
Left view
4.19
Front view
Scale:
3:1
Snapping point *
Detail A
Scale:
4:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com