Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA14367 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14367
Description  Flare Assembly
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14367 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14367 Datasheet HTML 1Page - Ledil, Inc. CA14367 Datasheet HTML 2Page - Ledil, Inc. CA14367 Datasheet HTML 3Page - Ledil, Inc. CA14367 Datasheet HTML 4Page - Ledil, Inc. CA14367 Datasheet HTML 5Page - Ledil, Inc. CA14367 Datasheet HTML 6Page - Ledil, Inc. CA14367 Datasheet HTML 7Page - Ledil, Inc. CA14367 Datasheet HTML 8Page - Ledil, Inc. CA14367 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PRODUCT DATASHEET
Flare series
last update 9/5/2014
DETAILS
Product Number
CA14367_FLARE-MAXI-D-TAPE
Family
Flare
Type
Assembly
Color
clear
Diameter
33,9 + 33,3 mm
Height
16,9 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
pin, tape
Status
production ready
ROHS Compliant
Yes
Date Updated
9/05/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
110+15 deg
REC-class
94 %
1.700
-
XP-G
115+15 deg
REC-class
94 %
1.900
-
MK-R
100+23 deg
REC-class
92 %
1.200
-
XP-G2
106+14 deg
REC-class
94 %
2.000
-
XM-L2
101+17 deg
REC-class
94 %
1.900
-
XT-E
117+14 deg
REC-class
94 %
1.900
-
XP-L
119+16 deg
REC-class
94 %
1.500
-
XHP50
109+20 deg
REC-class
92 %
1.300
-
XHP70
107+27 deg
REC-class
94 %
1.000
-
XHP35 HD
sim: 92+15
REC-class
sim: 92 % sim: 1.900 -
XHP35 HI
sim: 86+11
REC-class
sim: 93 % sim: 2.600 -
XP-L2
107+16 deg
REC-class
92 %
1.500
-
XHP50.2
sim: 96+19
REC-class
sim: 94 % sim: 1.540 -
LUXEON T
102+13 deg
REC-class
92 %
1.800
-
LUXEON A
104+12 deg
REC-class
94 %
2.100
-
LUXEON H50-2
sim: 10+65
REC-class
sim: 92 % sim: 3.300 -
LUXEON M/MX
102+25 deg
REC-class
94 %
1.400
-
LUXEON Rebel ES
104+13 deg
REC-class
94 %
2.000
-
LUXEON TX
103+13 deg
REC-class
93 %
2.060
-
NCSxx19B
107+13 deg
REC-class
94 %
2.100
-
NS9x383
110+16 deg
REC-class
93 %
1.500
-
NVSxx19B/NVSxx19C
116+13 deg
REC-class
94 %
1.700
-
Oslon Square PC
104+12 deg
REC-class
94 %
2.000
-
Oslon Square EC
99+14 deg
REC-class
94 %
2.000
-
Duris S10
92+21 deg
REC-class
93 %
1.400
-
January 24th 2018 2:19 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA14367

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14367 CREE-CA14367 Datasheet
1Mb / 23P
Flare series
More results

Similar Description - CA14367

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPFL DIALIGHT-OPFL Datasheet
116Kb / 2P
FLARE LENS
logo
Cree, Inc
C13012 CREE-C13012 Datasheet
3Mb / 59P
Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
Flare series
C12763 CREE-C12763 Datasheet
1Mb / 25P
Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
Flare series
logo
Ledil, Inc.
C10946 LEDIL-C10946 Datasheet
879Kb / 13P
Flare Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com