Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA14367 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # CA14367
Description  Flare Assembly
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14367 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA14367 Datasheet HTML 1Page - Ledil, Inc. CA14367 Datasheet HTML 2Page - Ledil, Inc. CA14367 Datasheet HTML 3Page - Ledil, Inc. CA14367 Datasheet HTML 4Page - Ledil, Inc. CA14367 Datasheet HTML 5Page - Ledil, Inc. CA14367 Datasheet HTML 6Page - Ledil, Inc. CA14367 Datasheet HTML 7Page - Ledil, Inc. CA14367 Datasheet HTML 8Page - Ledil, Inc. CA14367 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/1
SIZE
A3
DRAWING TITLE
FLARE-MAXI (WITH TAPE)
PART NUMBER
FLARE-MAXI (WITH TAPE)
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Material: PMMA 8N / PU 2-SIDED ADHESIVE FOAM TAPE
Front view
2
Bottom view
Led position
33. 9
Top view
Isometric view
Lens
Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com