Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F76 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F76
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F76 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F76 Datasheet HTML 83Page - Microchip Technology PIC16F76 Datasheet HTML 84Page - Microchip Technology PIC16F76 Datasheet HTML 85Page - Microchip Technology PIC16F76 Datasheet HTML 86Page - Microchip Technology PIC16F76 Datasheet HTML 87Page - Microchip Technology PIC16F76 Datasheet HTML 88Page - Microchip Technology PIC16F76 Datasheet HTML 89Page - Microchip Technology PIC16F76 Datasheet HTML 90Page - Microchip Technology PIC16F76 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 85
PIC16F7X
The following steps should be followed for doing an
A/D conversion:
1.
Configure the A/D module:
• Configure analog pins, voltage reference,
and digital I/O (ADCON1)
• Select A/D conversion clock (ADCON0)
• Turn on A/D module (ADCON0)
2.
Configure the A/D interrupt (if desired):
• Clear ADIF bit
• Set ADIE bit
• Set PEIE bit
• Set GIE bit
3.
Select an A/D input channel (ADCON0).
4.
Wait for at least an appropriate acquisition
period.
5.
Start conversion:
• Set GO/DONE bit (ADCON0)
6.
Wait for the A/D conversion to complete, by
either:
• Polling for the GO/DONE bit to be cleared
(interrupts disabled)
OR
• Waiting for the A/D interrupt
7.
Read A/D result register (ADRES), and clear bit
ADIF if required.
8.
For next conversion, go to step 3 or step 4, as
required.
FIGURE 11-1:
A/D BLOCK DIAGRAM
(Input Voltage)
VIN
VREF
(Reference
Voltage)
VDD
PCFG2:PCFG0
CHS2:CHS0
000
or
010
or
100
or
001
or
011
or
101
RE2/AN7(1)
RE1/AN6(1)
RE0/AN5(1)
RA5/AN4
RA3/AN3/VREF
RA2/AN2
RA1/AN1
RA0/AN0
111
110
101
100
011
010
001
000
A/D
Converter
Note
1: Not available on PIC16F73/76.
11x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com