Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F76 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F76
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F76 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F76 Datasheet HTML 10Page - Microchip Technology PIC16F76 Datasheet HTML 11Page - Microchip Technology PIC16F76 Datasheet HTML 12Page - Microchip Technology PIC16F76 Datasheet HTML 13Page - Microchip Technology PIC16F76 Datasheet HTML 14Page - Microchip Technology PIC16F76 Datasheet HTML 15Page - Microchip Technology PIC16F76 Datasheet HTML 16Page - Microchip Technology PIC16F76 Datasheet HTML 17Page - Microchip Technology PIC16F76 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 174 page
background image
PIC16F7X
DS30325B-page 12
 2002 Microchip Technology Inc.
PORTD is a bi-directional I/O port or parallel slave port
when interfacing to a microprocessor bus.
RD0/PSP0
RD0
PSP0
19
21
38
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD1/PSP1
RD1
PSP1
20
22
39
I
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD2/PSP2
RD2
PSP2
21
23
40
I
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD3/PSP3
RD3
PSP3
22
24
41
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD4/PSP4
RD4
PSP4
27
30
2
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD5/PSP5
RD5
PSP5
28
31
3
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD6/PSP6
RD6
PSP6
29
32
4
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
RD7/PSP7
RD7
PSP7
30
33
5
I/O
I/O
ST/TTL(3)
Digital I/O.
Parallel Slave Port data.
PORTE is a bi-directional I/O port.
RE0/RD/AN5
RE0
RD
AN5
89
25
I/O
I
I
ST/TTL(3)
Digital I/O.
Read control for parallel slave port .
Analog input 5.
RE1/WR/AN6
RE1
WR
AN6
910
26
I/O
I
I
ST/TTL(3)
Digital I/O.
Write control for parallel slave port .
Analog input 6.
RE2/CS/AN7
RE2
CS
AN7
10
11
27
I/O
I
I
ST/TTL(3)
Digital I/O.
Chip select control for parallel slave port .
Analog input 7.
VSS
12,31
13,34
6,29
P
—
Ground reference for logic and I/O pins.
VDD
11,32
12,35
7,28
P
—
Positive supply for logic and I/O pins.
NC
—
1,17,2
8, 40
12,13,
33, 34
—
These pins are not internally connected. These pins should
be left unconnected.
TABLE 1-3:
PIC16F74 AND PIC16F77 PINOUT DESCRIPTION (CONTINUED)
Pin Name
DIP
Pin#
PLCC
Pin#
QFP
Pin#
I/O/P
Type
Buffer
Type
Description
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as an external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com