Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F76 Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F76
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F76 Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F76 Datasheet HTML 124Page - Microchip Technology PIC16F76 Datasheet HTML 125Page - Microchip Technology PIC16F76 Datasheet HTML 126Page - Microchip Technology PIC16F76 Datasheet HTML 127Page - Microchip Technology PIC16F76 Datasheet HTML 128Page - Microchip Technology PIC16F76 Datasheet HTML 129Page - Microchip Technology PIC16F76 Datasheet HTML 130Page - Microchip Technology PIC16F76 Datasheet HTML 131Page - Microchip Technology PIC16F76 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 174 page
background image
PIC16F7X
DS30325B-page 126
 2002 Microchip Technology Inc.
FIGURE 15-4:
EXTERNAL CLOCK TIMING
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
TABLE 15-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency
(Note 1)
DC
—
1
MHz XT osc mode
DC
—
20
MHz HS osc mode
DC
—
32
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz RC osc mode
0.1
—
4
MHz XT osc mode
4
5
—
—
20
200
MHz
kHz
HS osc mode
LP osc mode
1
TOSC
External CLKIN Period
(Note 1)
1000
——
ns
XT osc mode
50
——
ns
HS osc mode
5
——
ms
LP osc mode
Oscillator Period
(Note 1)
250
——
ns
RC osc mode
250
—
10,000
ns
XT osc mode
50
—
250
ns
HS osc mode
5
——
ms
LP osc mode
2
TCY
Instruction Cycle Time
(Note 1)
200
TCY
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1)
High or Low Time
500
——
ns
XT oscillator
2.5
——
ms
LP oscillator
15
——
ns
HS oscillator
4
TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
——
15
ns
HS oscillator
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions, with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at "min." values with an
external clock applied to the OSC1/CLKIN pin. When an external clock input is used, the "max." cycle time
limit is "DC" (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com