Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSA1BBC2RB Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSA1BBC2RB
Description  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSA1BBC2RB Datasheet(HTML) 2 Page - TT Electronics.

  OVSA1BBC2RB Datasheet HTML 1Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 2Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 3Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 4Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 5Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 6Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© TT electronics plc
Issue E
11/2017
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OVSA1xBC2R8 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
450
650
2240
3200
520
475



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com