Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSA1BBC2RB Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSA1BBC2RB
Description  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSA1BBC2RB Datasheet(HTML) 3 Page - TT Electronics.

  OVSA1BBC2RB Datasheet HTML 1Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 2Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 3Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 4Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 5Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 6Page - TT Electronics. OVSA1BBC2RB Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© TT electronics plc
Issue E
11/2017
Page 3
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OVSA1xBC2R8 Series
GREEN: OVSA1GBC2R8
IV Code
Min (mcd)
Max (mcd)
Xb
2240
2800
Ya
2800
3550
Yb
3550
4500
BLUE: OVSA1BBC2R8
IV Code
Min (mcd)
Max (mcd)
Ua
450
560
Ub
560
710
Va
710
900
Luminous Intensity (IV ) @ 30mA
BLUE: OVSA1BBC2R8
nm Code
Min
Max
B3
460
465
B4
465
470
B5
470
475
Dominant Wavelength (nm)
GREEN: OVSA1GBC2R8
nm Code
Min
Max
G7
520
525
G8
525
530
G9
530
535
RED: OVSA1SBC2R8
IV Code
Min (mcd)
Max (mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
AMBER: OVSA1ABC2R8
IV Code
Min (mcd)
Max (mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Luminous Intensity (IV ) @ 50mA
RED: OVSA1SBC2R8
nm Code
Min
Max
RA
618
630
AMBER: OVSA1ABC2R8
nm Code
Min
Max
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Dominant Wavelength (nm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com