Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS11 Datasheet(PDF) 1 Page - TT Electronics.

Part # PHS11
Description  Rotary Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS11 Datasheet(HTML) 1 Page - TT Electronics.

  PHS11 Datasheet HTML 1Page - TT Electronics. PHS11 Datasheet HTML 2Page - TT Electronics. PHS11 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rotary Position Sensor
PHS11 Series
© TT electronics plc
Issue A
09/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA 92835-1053 |Ph: +1 714 447 2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The PHS11 series is a rotary position sensor that features dust proof construction, an ultra thin size, and a life cycle of 1
million cycles. Some applications are HVAC sensors and motor drive units.
Applications:
Rotary angle sensor
Electric motor-driven bicycle
Motor drive unit
HAVC sensor
Features:
Dust proof construction protects the interior from dust, which maintains
stable characteristics
Excellent resistance materials and high reliability wiper achieves 1,000,000
cycles
Ultra-thin size (2.2mm height)
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Ω
Resistance
1K
100K
Ohms
Total resistance tolerance
±20%
Power rating
0.1W
Linearity (electrical angle < 180°)
±5
%
Linearity (180° ≤ electrical angle < 300°)
±3
%
Linearity (electrical angle ≥ 300°)
±2
%
Rotational noise
<80
mV
Effective Electrical Angle
333
±3
Degrees
TCR
±500
ppm/°C


Similar Part No. - PHS11

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PHS11R TTELEC-PHS11R Datasheet
458Kb / 4P
Rotary Position Sensor
More results

Similar Description - PHS11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
Rotary Position Sensor IC
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
12 mm Rotary Position Sensor
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
Rotary Position Sensor IC
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com