Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS11 Datasheet(PDF) 2 Page - TT Electronics.

Part # PHS11
Description  Rotary Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS11 Datasheet(HTML) 2 Page - TT Electronics.

  PHS11 Datasheet HTML 1Page - TT Electronics. PHS11 Datasheet HTML 2Page - TT Electronics. PHS11 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Rotary Position Sensor
PHS11 Series
Issue A
09/2016 Page 2
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA 92835-1053 |Ph: +1 714 447 2300
www.ttelectronics.com | sensors@ttelectronics.com
Mechanical Characteristics
Rotational Angle
360°
Rotational torque
0-30gf-cm
Shaft push/pull strength
> 1.0kgf for 10 sec min
Storage Temperature
-40°C to +120°C
Operating Temperature
-40°C to +120°C
Life Cycles
1,000,000 cycles min
Dry Heat
120 ± 3°C, 250 ±8H
TR ± 20%, Linearity: ±2%
Cold
-40 ± 3°C, 168 ±4H
TR ± 20%, Linearity: ±2%
Humidity
60 ± 2°C, 90 to 95RH, 250 ±8H
TR ± 20%, Linearity: ±2%
Temperature Cycles
-40°C to +120°C, 5 cycles
TR ± 20%, Linearity: ±2%
Packaging



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com