Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4285 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4285
Description  SMC Jack Right Angle Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4285 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4285 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4285 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4285 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Jack Connector
• MIL-STD-348
• 50 Ohms
• Right Angle Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Brass Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4285 SMC jack right angle bulkhead mount connector solder attachment solder cup terminal, .177 inch D
hole is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for easier
connections in tight spaces. This SMC bulkhead connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMC jack right angle bulkhead connector PE4285 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.645 in [16.38 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.528 in [13.41 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Right Angle Bulkhead Mount Connector Solder Attachment Solder Cup Terminal,
.177 inch D Hole PE4285
PE4285 REV 1.1
SMC Jack Right Angle Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .177 inch D Hole
RF Connectors Technical Data Sheet
PE4285


Similar Part No. - PE4285

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4285 PASTERNACK-PE4285 Datasheet
238Kb / 2P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
logo
Peregrine Semiconductor
PE42850 PSEMI-PE42850 Datasheet
372Kb / 12P
UltraCMOS짰 SP5T RF Switch 30 - 1000 MHz
PE42851 PSEMI-PE42851 Datasheet
417Kb / 12P
UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
More results

Similar Description - PE4285

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4095 PASTERNACK-PE4095_16 Datasheet
359Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4169 PASTERNACK-PE4169_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171_16 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4284 PASTERNACK-PE4284_16 Datasheet
317Kb / 3P
SMB Jack Right Angle Bulkhead Mount Connector Solder Attachment
PE4289 PASTERNACK-PE4289_16 Datasheet
347Kb / 3P
SMC Plug Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com