Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6713L Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6713L
Description  Low Cost 3 Stereo Inputs and 4-Channel Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713L Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6713L Datasheet HTML 1Page - MOSA ELECTRONICS MS6713L Datasheet HTML 2Page - MOSA ELECTRONICS MS6713L Datasheet HTML 3Page - MOSA ELECTRONICS MS6713L Datasheet HTML 4Page - MOSA ELECTRONICS MS6713L Datasheet HTML 5Page - MOSA ELECTRONICS MS6713L Datasheet HTML 6Page - MOSA ELECTRONICS MS6713L Datasheet HTML 7Page - MOSA ELECTRONICS MS6713L Datasheet HTML 8Page - MOSA ELECTRONICS MS6713L Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MOSA
MS6713L
Low Cost 3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 2
2/14
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
BIN_L
LOUT
LIN
LIN1
LIN2
LIN3
LOUD_L
RIN1
27
26
25
28
2
3
4
1
SCL
SDA
DGND
OUT_LF
REF
VDD
AGND
TREB_L
OUT_RF
OUT_LR
OUT_RR
BOUT_R
BIN_R
BOUT_L
RIN2
RIN3
LOUD_R
ROUT
RIN
TREB_R
23
22
21
24
6
7
8
5
19
18
17
20
10
11
12
9
15
16
14
13
MS6713L
SSOP28
REF
1
Analog Reference Voltage(1/2VDD)
VDD
2
Supply Input Voltage
AGND
3
Analog Ground
TREB_L
4
Left Channel Input for Treble Controller
TREB_R
5
Right Channel Input for Treble Controller
RIN
6
Audio Processor Right Channel Input
ROUT
7
Gain Output and Input Selector for Right Channel
LOUD_R
8
Right Channel Loudness Input
RIN3
9
Right Channel Input 3
RIN2
10
Right Channel Input 2
RIN1
11
Right Channel Input 1
LOUD_L
12
Left Channel Loudness Input
LIN3
13
Left Channel Input 3
LIN2
14
Left Channel Input 2
LIN1
15
Left Channel Input 1
LIN
16
Audio Processor Left Channel Input
LOUT
17
Gain Output and Input Selector for Left Channel
BIN_L
18
Left Bass Controller Input Channel
BOUT_L
19
Left Bass Controller Output Channel
BIN_R
20
Right Bass Controller Input Channel
BOUT_R
21
Right Bass Controller Output Channel
OUT_RR
22
Right Rear Speaker Output
OUT_LR
23
Left Rear Speaker Output
OUT_RF
24
Right Front Speaker Output
OUT_LF
25
Left Front Speaker Output
DGND
26
Digital Ground
SDA
27
I
2C Data Input
SCL
28
I
2C Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com