Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2637PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2637PCBA
Description  RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2637PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2637PCBA Datasheet HTML 1Page - RF Micro Devices RF2637PCBA Datasheet HTML 2Page - RF Micro Devices RF2637PCBA Datasheet HTML 3Page - RF Micro Devices RF2637PCBA Datasheet HTML 4Page - RF Micro Devices RF2637PCBA Datasheet HTML 5Page - RF Micro Devices RF2637PCBA Datasheet HTML 6Page - RF Micro Devices RF2637PCBA Datasheet HTML 7Page - RF Micro Devices RF2637PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10-41
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
8
7
6
5
IN+
IN-
GND
GC
VCC1
VCC2
OUT+
OUT-
GAIN
CONTROL
RF2637
RECEIVE AGC AMPLIFIER
• 3V Basestation Systems
• General Purpose Linear IF Amplifier
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2637 is a complete AGC amplifier designed for
the receive section of 3V cellular and PCS applications
basestations. It is designed to amplify IF signals while
providing more than 90dB of gain control range. Noise
Figure, IP3, and other specifications are designed for bas-
estations. The IC is manufactured on an advanced high
frequency SiGe process, and is packaged in a standard
miniature 8-lead plastic MSOP package.
• Supports Basestation Applications
• -55dB to +51dB Gain Control Range @
85MHz
• Single 3V Power Supply
• -2dBm Input IP3
• 12MHz to 385MHz Operation
RF2637
Receive AGC Amplifier
RF2637 PCBA
Fully Assembled Evaluation Board
0
Rev A3 040511
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are exclusive of
flash, protrusions or burrs.
3. Lead coplanarity: 0.002 with
respect to datum "A".
0.012
6° MAX
0° MIN
0.021
+ 0.004
0.006
+ 0.002
0.192
+ 0.008
0.0256
0.118
+ 0.004 sq.
0.006
+ 0.003
0.034
-A-
Package Style: MSOP-8


Similar Part No. - RF2637PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2637PCBA RFMD-RF2637PCBA Datasheet
102Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637PCBA RFMD-RF2637PCBA Datasheet
242Kb / 10P
RECEIVE AGC AMPLIFIER
More results

Similar Description - RF2637PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
logo
RF Micro Devices
RF2637 RFMD-RF2637_06 Datasheet
102Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_1 Datasheet
242Kb / 10P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_13 Datasheet
194Kb / 9P
RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com