Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4101ASAR Datasheet(PDF) 9 Page - Sames

Part # SA4101ASAR
Description  Single Phase Kilowatt-hour Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4101ASAR Datasheet(HTML) 9 Page - Sames

Back Button SA4101ASAR Datasheet HTML 5Page - Sames SA4101ASAR Datasheet HTML 6Page - Sames SA4101ASAR Datasheet HTML 7Page - Sames SA4101ASAR Datasheet HTML 8Page - Sames SA4101ASAR Datasheet HTML 9Page - Sames SA4101ASAR Datasheet HTML 10Page - Sames SA4101ASAR Datasheet HTML 11Page - Sames SA4101ASAR Datasheet HTML 12Page - Sames SA4101ASAR Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SPEC-1081 (REV. 2)
9/15
29-09-2017
SA4101A
Fast Mode Select (FAST)
The FAST pin is used to select between STANDARD and
FAST mode. Leaving this pin open or connecting to VSS
enables the STANDARD mode and connecting to VDD
enables FAST mode.
When STANDARD mode is enabled the LED output pulses
at a low frequency. This low frequency allows a longer
accumulation period and the output pulses are therefore
proportional to the average power consumption measured.
The Rated Select Condition pins (R0, R1 and R2) are used
to select different LED output frequencies which in turn
selects the applications meter constant. Refer to Figure 9 for
the LED output timing diagram in STANDARD mode.
When the FAST mode is enabled the LED output generates
pulses at a frequency of 1160Hz at IMAX and VNOM. In this
mode
the
pulse
frequency
is
proportional
to
the
instantaneous power consumption measured. This mode is
used for meter calibration purposes and can also be used
when interfacing to a microcontroller. Refer to Figure 10 for
the LED output timing diagram in FAST mode.
Select Output (SO)
The SA4101A has unique internal circuitry that can be user
enabled to stabilize the LED output. When in FAST mode,
connecting the SO input pin to VDD will enable the LED pulse
stability feature. Stabilizing the LED pulse output allows for
shorter meter calibration times. Leaving the SO pin open or
connecting to VSS will disable the LED pulse stability circuitry.
Figure 10 indicates the operation of pulse stability.
Rated Condition Select (R0, R1, R2)
The Rated Condition Select pins R0, R1 and R2 are inputs
pins used to configure the SA4101A for different Maximum
Rated Mains Currents and Nominal Mains Voltages. This
feature allows for the use of different stepper motor gear
ratios.
To calculate the LED output pulse rate (in STANDARD mode)
and motor drive pulse rate for any meter ratings (IMAX and
VNOM) the following formulae can be used:
������������ ������������/��������ℎ =
1160
��������_������������
��
1000 × 3600
���������������� × ����������������
...(1)
where
IMAX is the maximum rated mains current,
VNOM is the nominal mains voltage and
DF_LED is the dividing factor for the LED output that depends
on R2, R1 and R0 as specified in Table 1.
Equation 1 is based on the assumption that the input current
into the IIP/IIN current sense input is set to 16μARMS at IMAX.
Table 1: LED output constants
R2
R1
R0
DF_LED
VSS
VSS
VSS
322
VSS
VSS
VDD
322
VSS
VDD
VSS
322
VSS
VDD
VDD
322
VDD
VSS
VSS
225
VDD
VSS
VDD
214
VDD
VDD
VSS
214
�������������������� ������������/��������ℎ =
������������ ������������/��������ℎ
��������_��������
…(2)
where
LED imp/kWh is the LED constant as calculated using
Equation 1 and
DF_MO is the dividing factor for the motor output that
depends on R1 and R0 as specified in Table 2.
Table 2: MOTOR output constants
R1
R0
DF_MO
VSS
VSS
8
VSS
VDD
32
VDD
VSS
16
VDD
VDD
8
Table 3 shows some of the meter constants available for
several maximum currents (IMAX) and with a line voltage of
220V while in STANDARD mode.
Note that the values calculated using Equations 1 and 2 are
close approximations to the values listed in Table 3. The
SA4101A has to be calibrated (using the voltage input) to give
the exact value listed.
Table 3: Examples of various meter constants
R2
R1
R0
VNOM/IMAX
LED
Output
Motor
Outputs
VSS
VSS
VDD
220V / 20A
3200
100
VSS
VDD
VSS
220V / 40A
1600
100
VSS
VDD
VDD
220V / 80A
800
100
VDD
VSS
VSS
220V / 100A
800
100
VDD
VSS
VDD
220V / 30A
3200
100
VDD
VDD
VSS
220V / 60A
1600
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com