Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4101ASAR Datasheet(PDF) 12 Page - Sames

Part # SA4101ASAR
Description  Single Phase Kilowatt-hour Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4101ASAR Datasheet(HTML) 12 Page - Sames

Back Button SA4101ASAR Datasheet HTML 7Page - Sames SA4101ASAR Datasheet HTML 8Page - Sames SA4101ASAR Datasheet HTML 9Page - Sames SA4101ASAR Datasheet HTML 10Page - Sames SA4101ASAR Datasheet HTML 11Page - Sames SA4101ASAR Datasheet HTML 12Page - Sames SA4101ASAR Datasheet HTML 13Page - Sames SA4101ASAR Datasheet HTML 14Page - Sames SA4101ASAR Datasheet HTML 15Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SPEC-1081 (REV. 2)
12/15
29-09-2017
SA4101A
PROGRAMMING
The resistor values are calculated for a 40A rated meter. The
LED pulse rate must be set accordingly by programming pins
R0, R1 and R2. Using the Rated Conditions Select section,
pins R0 and R2 is set to VSS and R1 set to VDD. These
settings will configure the SA4101A for 220V/40A operation
with a LED pulse rate of 1600 pulses/kWh. The FAST pin is
set to VSS for STANDARD operation.
Figure 11: Typical application circuit
Table 4: Component list for typical application
Symbol
Description
U1
Energy metering device, SA4101ASAR
U2
Opto-coupler, 1N35
RSH
Shunt Resistor, 40A, 320μ
R1, R21, R3,
R41
Resistor, 200
, 1%, metal film
R5, R6
Resistor, 200k
, 1%, metal film
R7, R81
Resistor, 100k
, 1%, metal film
R9
Resistor, 2.7k
, 1%, metal film
R101
Resistor, 47k
, 1%, metal film
R11
Resistor, 680
, 5%, carbon film
Symbol
Description
R12, R13
Resistor, 100
, 5%, carbon film
R14
Resistor, 1k
, 5%, carbon film
P1
Trim-pot, 25 turns, 1k
C1, C2
Capacitor, 100nF, ceramic
C3
Capacitor, 2.7nF, ceramic
C42, C52
Capacitor, 220nF, ceramic
C62
Capacitor, 1μF, ceramic
D1
Light emitting diode, pulse output
D2
Light emitting diode, direction output
CNT1
Stepper motor counter, 100imp/kWh
Note 1: Resistors R2, R4, R8 and R10 must be positioned as close as possible to the respective device pins
Note 2: Capacitors C4, C5 and C6 must be positioned as close as possible to the VDD and VSS power supply pins
8
14
3
VDD
VSS
VREF
IIP
IIN
U1
LED
MON
MOP
IVP
AGND
20
19
12
15
13
2
1
C2
R3
R4
R1
R2
200
200
200
200
C1
100nF
100nF
R10
47k
-2.5V
+2.5V
R5
200k
R6
200k
R7
100k
R8
100k
P1 1k
R9
2.7k
0V
0V
R13
100
R12
100
CNT1
7 6 5 4 3 2 . 1
D1
Pulse
+2.5V
R11
680
Pulse Out
U2
4N35
LIVE IN
NEUTRAL
0V
LIVE OUT
C3
2.7nF
0V
C4
220nF
C5
220nF
C6
1µF
+2.5V
-2.5V
0V
RSH
320µ
0V
DIRO
17
R14
1k
D2
Direction
+2.5V
R1
SO
5
11
6
R0
R2
FAST
4
7
-2.5V
+2.5V
CNF
9
DIRI
18
-2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com