Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-1PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6100-1PCBA
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-1PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF6100-1PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-690
RF6100-1
Rev A0 031219
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
V
Supply Voltage (POUT≤31dBm)
+5.2
V
Control Voltage (VREG)+4.2
V
Input RF Power
+10
dBm
Mode Voltage (VMODE)+3.5
V
Operating Temperature
-30 to +110
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power Mode
(VMODE Low)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=0V, and POUT=28dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
27
29
dB
Second Harmonics
-35
dBc
Third Harmonics
-40
dBc
Maximum Linear Output
28
Linear Efficiency
35
40
%
Maximum ICC
465
530
mA
ACPR @ 885kHz
-50
-46
dBc
ACPR @ 1.98MHz
-58
-55
dBc
Input VSWR
2:1
Stability in Band
6:1
No oscillation>-70dBc
Stability out of Band
10:1
No damage
Noise Power
-133
dBm/Hz
At 45MHz offset.
Low Power Mode
(VMODE High)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=2.8V, and POUT=18dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
24
26
dB
Second Harmonics
-35
dBc
Third Harmonics
-40
dBc
Maximum Linear Output
18
Maximum ICC
135
mA
POUT=16dBm
ACPR @885kHz
-50
-46
dBc
ACPR @1.98MHz
-60
-56
dBc
Input VSWR
2:1
Output VSWR Stability
6:1
No oscillation>-70dBc
10:1
No damage
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com