Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-1PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6100-1PCBA
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-1PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF6100-1PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-689
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
10
9
7
6
1
2
4
5
Bias
8
3
VREG
VMODE
GND
RF IN
VCC1
GND
RF OUT
VCC2
GND
GND
RF6100-1
3V 900MHZ LINEAR POWER
AMPLIFIER MODULE
• 3V CDMA/AMPS Cellular Handset
• 3V CDMA20001/X Cellular Handset
• Spread-Spectrum System
The RF6100-1 is a high-power, high-efficiency linear
amplifier module specifically designed for 3V handheld
systems. The device is manufactured on an advanced
third generation GaAs HBT process, and was designed
for use as the final RF amplifier in 3V IS-95/CDMA 2000
1X/AMPS handheld digital cellular equipment, spread-
spectrum systems, and other applications in the 824MHz
to 849MHz band. The RF6100-1 has a digital control line
for low power applications to lower quiescent current. The
device is self-contained with 50
Ω input and output that is
matched to obtain optimum power, efficiency and linear-
ity. The module is a 4mmx4mm land grid array with back-
side ground. The RF6100-1 is footprint compatible with
industry standard 4mmx4mm CDMA modules, and
requires only one decoupling capacitor.
• Input/Output Internally Matched@50
Ω
• 28dBm Linear Output Power
• 40% Peak Linear Efficiency
• -50dBc ACPR @ 885kHz
• 29dB Linear Gain
• 53% AMPS Efficiency
RF6100-1
3V 900MHz Linear Power Amplifier Module
RF6100-1 PCBA
Fully Assembled Evaluation Board
0
Rev A0 031219
0.450
± 0.075
1.40
1.25
4.00
± 0.10
1
4.00
± 0.10
1
3.549
3.500
3.050
2.650
2.400 TYP
2.200
1.800
1.650
1.350
0.950
0.725
0.125
R0.20 TYP
0.100 TYP
3.900 TYP
2.425
2.200
1.800
1.525
1.350
0.950
0.500 TYP
0.000
Package Style: Module (4mmx4mm)


Similar Part No. - RF6100-1PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6100-1PCBA-41X RFMD-RF6100-1PCBA-41X Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1PCBA-41X RFMD-RF6100-1PCBA-41X Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF6100-1PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com