Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9263 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9263
Description  HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9263 Datasheet HTML 1Page - Richtek Technology Corporation RT9263 Datasheet HTML 2Page - Richtek Technology Corporation RT9263 Datasheet HTML 3Page - Richtek Technology Corporation RT9263 Datasheet HTML 4Page - Richtek Technology Corporation RT9263 Datasheet HTML 5Page - Richtek Technology Corporation RT9263 Datasheet HTML 6Page - Richtek Technology Corporation RT9263 Datasheet HTML 7Page - Richtek Technology Corporation RT9263 Datasheet HTML 8Page - Richtek Technology Corporation RT9263 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9263
Preliminary
www.richtek-ic.com.tw
DS9263-00 November 2001
2
Fig. 2 0.4A ~ 1A Output Current Application
Fig. 3 High Voltage Application (Rm should be added when IL > 100mA)
Fig.4 High Voltage Application with Shutdown Control
C1
100
µF
VDD
LX
EXT
GND
FB
3.3V
VOUT1
C2
1
µF
D1
1N5819
L1
4.7
µH
R1
1.6M
R2
980K
VIN
100pF
100
µF
RT9263ECX5
+
Q1
NMOS
C1
100
µF
VDD
EXT
LX
GND
FB
15V
VOUT1
C2
1
µF
R1
2.2M
R2
200K
RT9263ECX5
Q1
NMOS
100
µF
3.3/5V
VIN
L1
10
µH
0.1
µF
Rm
0.05~0.1
Ω
D1
C1
100
µF
VDD
LX
CE
GND
FB
15V
VOUT1
C2
1
µF
R1
2.2M
R2
200K
RT9263CCX5
Q1
NMOS
100
µF
3.3/5V
VIN
L1
10
µH
0.1
µF
D1
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com