Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9263 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9263
Description  HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9263 Datasheet HTML 1Page - Richtek Technology Corporation RT9263 Datasheet HTML 2Page - Richtek Technology Corporation RT9263 Datasheet HTML 3Page - Richtek Technology Corporation RT9263 Datasheet HTML 4Page - Richtek Technology Corporation RT9263 Datasheet HTML 5Page - Richtek Technology Corporation RT9263 Datasheet HTML 6Page - Richtek Technology Corporation RT9263 Datasheet HTML 7Page - Richtek Technology Corporation RT9263 Datasheet HTML 8Page - Richtek Technology Corporation RT9263 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9263
Preliminary
www.richtek-ic.com.tw
DS9263-00 November 2001
4
Pin Description
Pin No.
RT9263CCX5 RT9263ECX5
Pin Name
Pin Function
--
1
EXT
Output pin for driving external NMOS or NPN
When driving an NPN, a resistor should be added for limiting base
1--
CE
Chip enable
RT9263CCX5 gets into shutdown mode when CE pin set to low.
22
VDD
Input positive power pin of RT9263
33
FB
Feedback input pin
Internal reference voltage for the error amplifier is 1.25V.
44
LX
Pin for switching
55
GND
Ground
Absolute Maximum Ratings
Supply Voltage
-0.3V to 6V
LX Pin Switch Voltage
-0.3V to (VDD + 0.8V)
Other I/O Pin Voltages
-0.3V to (VDD + 0.3V)
LX Pin Switch Current
2.5A
EXT Pin Driver Current
30mA
Power Dissipation, PD @ TA = 25
°C
SOT89-5
0.5W
• Package Thermal Resistance
SOT89-5,
θJA
300
°C/W
Operating Junction Temperature
150
°C
Storage Temperature Range
-65
°C ~ +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com