Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC849 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC849
Description  SMD General Purpose NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC849 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC849 Datasheet HTML 1Page - Diotec Semiconductor BC849 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC846A ... BC850C
BC846A ... BC850C
SMD General Purpose NPN Transistors
SMD Universal-NPN-Transistoren
IC
= 100 mA
hFE = 180/290/520
Tjmax = 150°C
VCEO = 30...65 V
Ptot = 250 mW
Version 2017-07-25
SOT-23
(TO-236)
1 = B
2 = E
3 = C
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Three current gain groups
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Drei Stromverstärkungsklassen
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Type
Code
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC846A = 1A
BC846B = 1B
BC846C = 1C
BC847A = 1E
BC847B = 1F
BC847C = 1G
BC850A = 1E
BC850B = 1F
BC850C = 1G
BC848A = 1E
BC848B = 1F
BC848C = 1G
BC849A = 1E
BC849B = 1F
BC849C = 1G
BC856 ... BC860
Maximum ratings 2)
Grenzwerte 2)
BC846
BC847
BC850
BC848
BC849
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
B open
VCEO
65 V
45 V
45 V
30 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
VCBO
80 V
50 V
50 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
6 V
5 V
Power dissipation – Verlustleistung
Ptot
250 mW 3)
Collector current – Kollektorstrom
DC
IC
100 mA
Peak Collector current – Kollektor-Spitzenstrom
ICM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2


Similar Part No. - BC849

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849 PHILIPS-BC849 Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
Fairchild Semiconductor
BC849 FAIRCHILD-BC849 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC849 GE-BC849 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC849 INFINEON-BC849 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC849

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC817 DIOTEC-BC817_17 Datasheet
153Kb / 2P
SMD General Purpose NPN Transistors
BC846S DIOTEC-BC846S_17 Datasheet
171Kb / 2P
SMD General Purpose NPN Transistors
MMBT4401 DIOTEC-MMBT4401_17 Datasheet
143Kb / 2P
SMD General Purpose NPN Transistors
BC817 DIOTEC-BC817_18 Datasheet
153Kb / 2P
SMD General Purpose NPN Transistors
BC817W DIOTEC-BC817W_18 Datasheet
151Kb / 2P
SMD General Purpose NPN Transistors
BC846S DIOTEC-BC846S_1 Datasheet
159Kb / 2P
SMD General Purpose NPN Transistors
BC846W DIOTEC-BC846W_18 Datasheet
130Kb / 2P
SMD General Purpose NPN Transistors
MMBT2222A DIOTEC-MMBT2222A_1 Datasheet
144Kb / 2P
SMD General Purpose NPN Transistors
MMBT5551 DIOTEC-MMBT5551_18 Datasheet
143Kb / 2P
SMD General Purpose NPN Transistors
BC846BP DIOTEC-BC846BP_18 Datasheet
130Kb / 2P
SMD General Purpose NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com