Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHT6016LFJ-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMHT6016LFJ-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHT6016LFJ-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMHT6016LFJ-13 Datasheet HTML 1Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 2Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 3Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 4Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 5Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 6Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMHT6016LFJ
Document number: DS37895 Rev. 2 - 2
6 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMHT6016LFJ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN5045-12 (Type B)
V-DFN5045-12
(Type B)
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
–
–
0.203
b
0.25
0.35
0.30
D
4.95
5.05
5.00
D2
2.00
2.20
2.10
D2a
1.60
1.80
1.70
E
4.45
4.55
4.50
E2
0.90
1.10
1.00
E2a
2.40
2.60
2.50
e
–
–
0.80
k
–
–
0.50
k1
–
–
0.50
k2
–
–
0.50
L
0.45
0.55
0.50
z
–
–
0.35
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN5045-12 (Type B)
Dimensions
Value (in mm)
C
0.800
G
0.40
G1
0.40
G2
0.40
X
0.40
X1
2.20
X2
1.80
X3
4.40
Y
0.700
Y1
1.100
Y2
2.600
Y3
4.800
A1
Seating Plane
k1
k2
D2(2x)
E2(2x)
e
A
A3
D
D2a
E2a
k
z
b
L
E
X3
C
Y3
Y
X
Y2
X2
X1
Y1
G1
G
G2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com