Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHT6016LFJ-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMHT6016LFJ-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHT6016LFJ-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMHT6016LFJ-13 Datasheet HTML 1Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 2Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 3Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 4Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 5Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 6Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMHT6016LFJ
Document number: DS37895 Rev. 2 - 2
2 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMHT6016LFJ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
10.6
8.5
A
t<10s
TA = +25°C
TA = +70°C
ID
14.8
11.9
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
60
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2
A
Avalanche Current (Note 7) L=0.1mH
IAS
15.3
A
Avalanche Energy (Note 7) L=0.1mH
EAS
11.7
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.16
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
108
°C/W
t<10s
56
Total Power Dissipation (Note 6)
PD
2.7
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
46
°C/W
t<10s
24
Thermal Resistance, Junction to Case (Note 6)
RθJC
4.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
17
22
m
Ω
VGS = 10V, ID = 10A
—
22.2
30
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
—
864
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
COSS
—
282
—
Reverse Transfer Capacitance
CRSS
—
27
—
Gate Resistance
RG
—
1.3
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
—
8.4
—
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
QG
—
17
—
Gate-Source Charge
QGS
—
3.1
—
Gate-Drain Charge
QGD
—
4.3
—
Turn-On Delay Time
tD(ON)
—
3.4
—
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 10A
Turn-On Rise Time
tR
—
5.2
—
Turn-Off Delay Time
tD(OFF)
—
13
—
Turn-Off Fall Time
tF
—
7
—
Reverse Recovery Time
tRR
—
22
—
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
11
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com