Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN1008UFDF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN1008UFDF
Description  12V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1008UFDF Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN1008UFDF Datasheet HTML 1Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 2Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 3Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 4Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 5Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 6Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN1008UFDF
Datasheet number: DS38322 Rev. 2 - 2
4 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMN1008UFDF
0.004
0.006
0.008
0.01
0.012
0.014
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = 4.5V, ID = 5A
V
GS = 3.0V, ID = 5A
V
GS = 2.5V, ID = 5A
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = 125
oC
T
J = 85
oC
T
J = 25
oC
T
J = -55
oC
V
GS = 0V
T
J = 150
oC
100
1000
10000
0
2
4
6
8
10
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
0
5
10
15
20
25
Q
g (nC)
Figure 11. Gate Charge
V
DS = 6V, ID = 5A
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10s
P
W =10ms
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 150℃
T
C = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS= 4.5V
P
W =1s
0
0.2
0.4
0.6
0.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 250μA
I
D = 1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com