Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN1008UFDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN1008UFDF
Description  12V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1008UFDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN1008UFDF Datasheet HTML 1Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 2Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 3Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 4Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 5Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 6Page - Diodes Incorporated DMN1008UFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN1008UFDF
Datasheet number: DS38322 Rev. 2 - 2
1 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMN1008UFDF
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
12V
8
mΩ @ VGS = 4.5V
12.2A
12.5
mΩ @ VGS = 2.5V
10.4A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Applications
Battery Management Application
Power Management Functions
DC-DC Converters
Features
0.6mm Profile
– Ideal for Low Profile Applications
PCB Footprint of 4mm
2
Low Gate Threshold Voltage
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-6 (Type F)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Part Number
Reel Size (inches)
Case
Quantity per Reel
DMN1008UFDF-7
7
U-DFN2020-6 (Type F)
3,000
DMN1008UFDF-13
13
U-DFN2020-6 (Type F)
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
Code
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin Out
Internal Schematic
8N = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
U-DFN2020-6 (Type F)
Bottom View
Bottom View
Top View
e4
e4
e4
8N
D
S
G


Similar Part No. - DMN1008UFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1008UFDFQ-13 DIODES-DMN1008UFDFQ-13 Datasheet
548Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1008UFDFQ-7 DIODES-DMN1008UFDFQ-7 Datasheet
548Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
More results

Similar Description - DMN1008UFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019USN DIODES-DMN1019USN_15 Datasheet
313Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019UFDE DIODES-DMN1019UFDE_15 Datasheet
287Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN1019USN DIODES-DMN1019USN Datasheet
313Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019UVT DIODES-DMN1019UVT Datasheet
365Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com