Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC15514 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FC15514
Description  Florentina Assembly
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC15514 Datasheet(HTML) 2 Page - Ledil, Inc.

  FC15514 Datasheet HTML 1Page - Ledil, Inc. FC15514 Datasheet HTML 2Page - Ledil, Inc. FC15514 Datasheet HTML 3Page - Ledil, Inc. FC15514 Datasheet HTML 4Page - Ledil, Inc. FC15514 Datasheet HTML 5Page - Ledil, Inc. FC15514 Datasheet HTML 6Page - Ledil, Inc. FC15514 Datasheet HTML 7Page - Ledil, Inc. FC15514 Datasheet HTML 8Page - Ledil, Inc. FC15514 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A
H
B
G
3
2
4
1
INDEX PART NO
DESCRIPTION
MATERIAL
COLOUR
1
FLORENTINA-1-SHD
PC
black
2
Rose-MRK series
PC
clear
3
C15426
FLORENTINA-1-HLD
PC
black
4
C10278
ROSE-TAPE
PU 2-sided adhesive foam tape
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1 WEIGHT
-
SHEET
1/1
SIZE
A3
DRAWING TITLE
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Assembly:
1. Press holder firmly five seconds (with lenses assembled) to
PCB. Inspect that the positioning pins are securely in their
holes.
2. Press the shade firmly down on the holder until they are
securely attached.
Florentina-1-MRK assembly
Front view
Scale:
2:1
Tape 0.4mm
3 . 4
4 0
C / C
2
2 1 . 5 2
C / C
3 9 . 7
LED middle position
Bottom view
Scale:
2:1
Position pins
1
2
3
4
3 0 . 7 2
Top view
Scale:
2:1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com