Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC15514 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # FC15514
Description  Florentina Assembly
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC15514 Datasheet(HTML) 3 Page - Ledil, Inc.

  FC15514 Datasheet HTML 1Page - Ledil, Inc. FC15514 Datasheet HTML 2Page - Ledil, Inc. FC15514 Datasheet HTML 3Page - Ledil, Inc. FC15514 Datasheet HTML 4Page - Ledil, Inc. FC15514 Datasheet HTML 5Page - Ledil, Inc. FC15514 Datasheet HTML 6Page - Ledil, Inc. FC15514 Datasheet HTML 7Page - Ledil, Inc. FC15514 Datasheet HTML 8Page - Ledil, Inc. FC15514 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1 WEIGHT
-
SHEET
1/1
SIZE
A3
DRAWING TITLE
Florentina-1 assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Fastening options to
customers front panel:
Glue or M3 screws.
Recommended torque 0.6Nm.
4 0
4 0
4 0
4 0
4 0
A
3 1
Recommended to
customer use
31x31mm opening in
front panel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com