Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAB6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LAB6SP
Description  Exterior Automotive Lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAB6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LAB6SP Datasheet HTML 1Page - OSRAM GmbH LAB6SP Datasheet HTML 2Page - OSRAM GmbH LAB6SP Datasheet HTML 3Page - OSRAM GmbH LAB6SP Datasheet HTML 4Page - OSRAM GmbH LAB6SP Datasheet HTML 5Page - OSRAM GmbH LAB6SP Datasheet HTML 6Page - OSRAM GmbH LAB6SP Datasheet HTML 7Page - OSRAM GmbH LAB6SP Datasheet HTML 8Page - OSRAM GmbH LAB6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-01-30
1
2017-01-30
Power SIDELED
Datasheet
Version 1.2
LA B6SP
Power SIDELED features a compact package with a
wide brightness range and high luminous efficiency.
Power SIDELED verfügt über eine platzsparende
Bauform mit einer breiten Spanne an Helligkeit und
hoher Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white PLCC-2 package, clear silicone
resin
•
Gehäusetyp: weisses PLCC-2 Gehäuse, klarer
Silikon - Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
•
Optical efficiency (typ.): 84 lm/W (amber)
•
Optischer Wirkungsgrad (typ.): 84 lm/W
(amber)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen


Similar Part No. - LAB6SP

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
LAB-15229 SPARKFUN-LAB-15229 Datasheet
148Kb / 3P
SparkFun Inventor is Kit for micro:bit Lab Pack
5??4??
LAB-15230 SPARKFUN-LAB-15230 Datasheet
115Kb / 2P
micro:bit Educator Lab Pack
4??7??9
logo
Volgen Kaga Electronics...
LABC14-12V VOLGEN-LABC14-12V Datasheet
88Kb / 2P
12V Lead-Acid Battery Smart Charger
LABC7-6V VOLGEN-LABC7-6V Datasheet
86Kb / 2P
6V Lead-Acid Battery Smart Charger
logo
Linear Technology
LABD LINER-LABD Datasheet
741Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
More results

Similar Description - LAB6SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-01SURC ETC-30-01SURC Datasheet
144Kb / 4P
AUTOMOTIVE EXTERIOR LIGHTING
logo
OSRAM GmbH
LCYCEUP-6L6M-5F5G-8E8G OSRAM-LCYCEUP-6L6M-5F5G-8E8G Datasheet
693Kb / 22P
Exterior Automotive Lighting
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
Exterior Automotive Lighting
LCYH9PP-7J6K-5F5G-1 OSRAM-LCYH9PP-7J6K-5F5G-1 Datasheet
1Mb / 23P
Exterior Automotive Lighting
LEUWU1A201 OSRAM-LEUWU1A201 Datasheet
2Mb / 19P
Exterior Automotive Lighting
LEUWU1A401 OSRAM-LEUWU1A401 Datasheet
2Mb / 19P
Exterior Automotive Lighting
LCYW5SM OSRAM-LCYW5SM Datasheet
675Kb / 22P
Exterior Automotive Lighting
LCYCEUP OSRAM-LCYCEUP Datasheet
693Kb / 22P
Exterior Automotive Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
Automotive Lighting Exterior
KRDMLQ31.23 OSRAM-KRDMLQ31.23_17 Datasheet
724Kb / 22P
Automotive Lighting Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com