Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAB6SP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LAB6SP
Description  Exterior Automotive Lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAB6SP Datasheet(HTML) 4 Page - OSRAM GmbH

  LAB6SP Datasheet HTML 1Page - OSRAM GmbH LAB6SP Datasheet HTML 2Page - OSRAM GmbH LAB6SP Datasheet HTML 3Page - OSRAM GmbH LAB6SP Datasheet HTML 4Page - OSRAM GmbH LAB6SP Datasheet HTML 5Page - OSRAM GmbH LAB6SP Datasheet HTML 6Page - OSRAM GmbH LAB6SP Datasheet HTML 7Page - OSRAM GmbH LAB6SP Datasheet HTML 8Page - OSRAM GmbH LAB6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2017-01-30
4
Version 1.2
LA B6SP
Characteristics (TS = 25 °C; IF = 140 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Dominant Wavelength 3) page 20
Dominantwellenlänge 3) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λdom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage 4) page 20
Durchlassspannung 4) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
VF
1.90
2.15
2.65
V
V
V
Reverse current
Sperrstrom
(VR = 12 V)
(typ.)
(max.)
IR
IR
0.2
10
µA
µA
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
5) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 20
(typ.)
(max.)
R
th JS real
Rth JS real
53
62
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 20
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 20
(with efficiency ηe = 31 %)
(typ.)
(max.)
Rth JS el
R
th JS el
37
43
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com