Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCBM67C Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCBM67C
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67C Datasheet(HTML) 1 Page - OSRAM GmbH

  LCBM67C Datasheet HTML 1Page - OSRAM GmbH LCBM67C Datasheet HTML 2Page - OSRAM GmbH LCBM67C Datasheet HTML 3Page - OSRAM GmbH LCBM67C Datasheet HTML 4Page - OSRAM GmbH LCBM67C Datasheet HTML 5Page - OSRAM GmbH LCBM67C Datasheet HTML 6Page - OSRAM GmbH LCBM67C Datasheet HTML 7Page - OSRAM GmbH LCBM67C Datasheet HTML 8Page - OSRAM GmbH LCBM67C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2014-10-30
1
2014-10-30
Mini TOPLED
Datasheet
Version 1.2
LCB M67C - CoD blue Cx=0.2 / Cy=0.3
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
• Technology: InGaN
•
Technologie: InGaN
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: Cx = 0.20, Cy = 0.30 acc. to CIE 1931 (color
on demand blue)
•
Farbe: Cx = 0.20, Cy = 0.30 nach CIE 1931 (color
on demand blau)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Automotive Interior Lighting
•
Automobilbeleuchtung innen
• Dashboard Backlighting
•
Instrumentenbeleuchtung
• Pushbuttons and Switches
•
Schalter und Taster
• Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LCBM67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67C-R2S2-2J8L-1 OSRAM-LCBM67C-R2S2-2J8L-1 Datasheet
683Kb / 23P
Signal- und Symbolleuchten
More results

Similar Description - LCBM67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com