Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCBM67C Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCBM67C
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67C Datasheet(HTML) 4 Page - OSRAM GmbH

  LCBM67C Datasheet HTML 1Page - OSRAM GmbH LCBM67C Datasheet HTML 2Page - OSRAM GmbH LCBM67C Datasheet HTML 3Page - OSRAM GmbH LCBM67C Datasheet HTML 4Page - OSRAM GmbH LCBM67C Datasheet HTML 5Page - OSRAM GmbH LCBM67C Datasheet HTML 6Page - OSRAM GmbH LCBM67C Datasheet HTML 7Page - OSRAM GmbH LCBM67C Datasheet HTML 8Page - OSRAM GmbH LCBM67C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2014-10-30
4
Version 1.2
LCB M67C - CoD blue Cx=0.2 / Cy=0.3
Characteristics (T
S = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
3) page 22
Farbkoordinaten nach CIE 1931 3) Seite 22
(typ.)
(typ.)
Cx
Cy
0.2
0.3
-
-
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage 4) page 22
Durchlassspannung 4) Seite 22
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.00
3.70
V
V
V
Reverse current
Sperrstrom
(V
R = 5 V)
(typ.)
(max.)
I
R
I
R
0.01
10
µA
µA
Real thermal resistance junction / ambient
5) page 22 , 6) page 22
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 22 , 6) Seite 22
(max.)
R
th JA real
530
K/W
Real thermal resistance junction / solder point
6) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 22
(max.)
R
th JS real
280
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com