Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-53S60-R Datasheet(PDF) 9 Page - Teledyne Technologies Incorporated

Part # CCR-53S60-R
Description  Latching SPDT Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S60-R Datasheet(HTML) 9 Page - Teledyne Technologies Incorporated

  CCR-53S60-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2015 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-53S/CR-53S Page 9
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCR-53S/CR-53S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
part no.
part no.
169
CR-53SXC-TN
211
CR-53SXE-RNMS
170
CR-53SXC-TNM
212
CR-53SXE-RNS
171
CR-53SXC-TNMS
213
CR-53SXE-RS
172
CR-53SXC-TNS
214
CR-53SXE-S
173
CR-53SXC-TS
215
CR-53SXE-T
174
CR-53SXD
216
CR-53SXE-TM
175
CR-53SXD-M
217
CR-53SXE-TMS
176
CR-53SXD-MS
218
CR-53SXE-TN
177
CR-53SXD-N
219
CR-53SXE-TNM
178
CR-53SXD-N
220
CR-53SXE-TNMS
179
CR-53SXD-NM
221
CR-53SXE-TNS
180
CR-53SXD-NMS
222
CR-53SX0
181
CR-53SXD-NS
223
CR-53SX0-D
182
CR-53SXD-R
224
CR-53SX0-DM
183
CR-53SXD-RM
225
CR-53SX0-DMS
184
CR-53SXD-RMS
226
CR-53SX0-DN
185
CR-53SXD-RN
227
CR-53SX0-DNM
186
CR-53SXD-RNM
228
CR-53SX0-DNMS
187
CR-53SXD-RNMS
229
CR-53SX0-DNS
188
CR-53SXD-RNS
230
CR-53SX0-DR
189
CR-53SXD-RS
231
CR-53SX0-DRM
190
CR-53SXD-S
232
CR-53SX0-DRMS
191
CR-53SXD-T
233
CR-53SX0-DRN
192
CR-53SXD-TM
234
CR-53SX0-DRNMS
193
CR-53SXD-TMS
235
CR-53SX0-DRNS
194
CR-53SXD-TN
236
CR-53SX0-DRS
195
CR-53SXD-TNM
237
CR-53SX0-DS
196
CR-53SXD-TNMS
238
CR-53SX0-M
197
CR-53SXD-TNS
239
CR-53SX0-MS
198
CR-53SXE
240
CR-53SX0-N
199
CR-53SXE-M
241
CR-53SX0-NM
200
CR-53SXE-MS
242
CR-53SX0-NMS
201
CR-53SXE-N
243
CR-53SX0-NS
202
CR-53SXE-N
244
CR-53SX0-R
203
CR-53SXE-NM
245
CR-53SX0-RM
204
CR-53SXE-NMS
246
CR-53SX0-RMS
205
CR-53SXE-NS
247
CR-53SX0-RN
206
CR-53SXE-R
248
CR-53SX0-RNM
207
CR-53SXE-RM
249
CR-53SX0-RNMS
208
CR-53SXE-RMS
250
CR-53SX0-RNS
209
CR-53SXE-RN
251
CR-53SX0-RS
210
CR-53SXE-RNM
252
CR-53SX0-S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com