Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-53S60-R Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CCR-53S60-R
Description  Latching SPDT Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S60-R Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CCR-53S60-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S60-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CCR-53S/CR-53S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
Analog
TTL
Optional Narrow Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Standard Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Indicators
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC
9 PIN D-SUB PINOUT FOR LATCHING SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1
1
1
2
2
2
3
C
C
Common
Common
4
1
1
5
2
2
6
Vsw
Vsw
7
A
A
8
B
B
9
C
C
1
6
P/N 2706650
1
9
P/N 2707572
AMPHENOL P/N
1
11
P-17EHD-015P
6
5
15
10
“-s option” 9-pin d-sub connector (example: ccr-53s60-s)
TRUTH TABLE (with TTL option)
Logic Input
RF Path
Indicator
(if applicable)
1
2
IN
to 1
IN
to 2
A
B
0
0
No Change
1
0
On
Off
C
0
0
1
Off
On
0
C
1
1
Forbidden
H= 1.30 MAX. STD MODEL
H= 1.80 MAX. TL MODEL
H= 1.30 MAX. STD MODEL
H= 1.80 MAX. TTL MODEL
Mar 16, 2011
10:27 am
Analog
TTL
Optional Narrow Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Standard Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Indicators
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com