Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20190 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST20190
Description  ADSL, ADSL2 and ADSL Modem Chipset for CPE Applications with Utopia II Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20190 Datasheet(HTML) 1 Page - STMicroelectronics

  ST20190 Datasheet HTML 1Page - STMicroelectronics ST20190 Datasheet HTML 2Page - STMicroelectronics ST20190 Datasheet HTML 3Page - STMicroelectronics ST20190 Datasheet HTML 4Page - STMicroelectronics ST20190 Datasheet HTML 5Page - STMicroelectronics ST20190 Datasheet HTML 6Page - STMicroelectronics ST20190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ST20190
June 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
APPLICATIONS
Low end and high end ADSL Bridge and Router
solutions
ADSL Modems / routers for residential and
SOHO broadband access to www and
corporate VPNs
Integrated Access Devices offering VoDSL or
VoIP applications
Home gateway solutions
2
FEATURES
High Integration
– 2 chips, Line to ATM
– Direct ATM Interface
– Line Driver integrated
– Highly reduced bill of material cost
Support for multiple ADSL standards:
– ANSI T1.413 Issue2
– ITU G.992.1 (G.dmt)
– Annex A, Annex B, Annex C
– ITU G.992.2 (G.Lite)
– ITU G.992.3 (ADSL2)
– Annex A, B, C, I, J and L
– ITU G.992.4 (G.Lite bis)
– ITU G.992.5 (ADSL2+)
– Annex A, B, C, I, J and L
– Support of ReachDSLTM with digital com-
panion chip
Cat II functionality: Trellis coding and echo
cancellation
Dual latency support: fast + interleaved
Small footprint packages allow high density
board designs
Embedded controller with cache for powerful
and flexible on chip control of the modem
operation
Complete modem package
– No dependency on external processor and
easy,straight forward integration with external
network processors
– Full reference design kit for modem manufac-
turers, including schematics, layout, BoM,
HW design guide, firmware
Highest Performance
– Fully rate-adaptive
– ADSL mode > 12 Mbps in Downstream and >
1 Mbps in Upstream
– ADSL+ mode > 20 Mbps in Downstream and
> 2 Mbps in Upstream when using 64 tones
(annex L)
3
OVERALL DESCRIPTION
The ST20190 is a new generation ADSL chipset
from STMicroelectronics. It is highly integrated
and has the flexibility to offer all standards, all an-
nexes while being fully optimised for CPE applica-
tions. It provides all the required functions to
implement a complete Utopia rate adaptive DMT
ADSL modem. It consists of the optimised ADSL
Analogue Front-End chip ST20184 and the digital
chip
ST20196 which includes a DMT/ATM mo-
dem, and a dedicated ADSL Transceiver Control-
ler with associated Firmware.
As shown in Fig.2, the chipset interfaces have
been defined to allow direct integration into sys-
tems design, reducing both time-to-market and im-
DATA BRIEF
ADSL, ADSL2 and ADSL+
Modem Chipset for CPE Applications with Utopia II Interface
REV. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
ST20184
TQFP100
ST20196
LBGA208
TQFP100
LBGA208


Similar Part No. - ST20190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2010 ETC1-ST2010 Datasheet
178Kb / 2P
20-INCH WIDESCREEN FLAT PANEL MONITOR
logo
Sangdest Microelectroni...
ST20100 SMC-ST20100 Datasheet
168Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST20100 SMCDIODE-ST20100 Datasheet
440Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Shanghai Shunye Electro...
ST20100 SHUNYE-ST20100 Datasheet
1Mb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Littelfuse
ST20100B LITTELFUSE-ST20100B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
More results

Similar Description - ST20190

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70134-ST70135A STMICROELECTRONICS-ST70134-ST70135A Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134 STMICROELECTRONICS-ST70134 Datasheet
130Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
logo
Micro Electronics
SAT-1311 MICRO-ELECTRONICS-SAT-1311 Datasheet
294Kb / 2P
TRANSFORMER FOR ADSL MODEM
SAT-1312 MICRO-ELECTRONICS-SAT-1312 Datasheet
226Kb / 1P
TRANSFORMER FOR ADSL MODEM
logo
Bel Fuse Inc.
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
ADSL CPE Hybrid
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
ADSL CPE Hybrid
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
logo
Synaptics Incorporated.
CX95516 CONEXANT-CX95516 Datasheet
147Kb / 2P
ADSL/ADSL2/ADSL2plus CO
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com