Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20190 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST20190
Description  ADSL, ADSL2 and ADSL Modem Chipset for CPE Applications with Utopia II Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20190 Datasheet(HTML) 5 Page - STMicroelectronics

  ST20190 Datasheet HTML 1Page - STMicroelectronics ST20190 Datasheet HTML 2Page - STMicroelectronics ST20190 Datasheet HTML 3Page - STMicroelectronics ST20190 Datasheet HTML 4Page - STMicroelectronics ST20190 Datasheet HTML 5Page - STMicroelectronics ST20190 Datasheet HTML 6Page - STMicroelectronics ST20190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ST20190
6
SUMMARY OF CHARACTERISTICS ST20190
6.1 ST20184 FEATURES
■
Fully integrated ADSL line driver concept (minimises external components)
■
Standards support for:
– ANSI T1.413 Issue 2
– ITU G.992.1 (G.dmt)
– Annex A, B and C
– ITU G.992.2 (G.lite)
– ITU G.992.3 (ADSL2)
– Annex A, B, C, I, J and L
– ITU G.992.5 (ADSL2+)
– Annex A, B, C, I, J and L
– Support of ReachDSL with digital companion chip
■
14 bit
Σ∆ ADC with equivalent ENOB @ 2.2 MS/s
■
8.8MS/s DAC (14bits)
■
Integrated ADSL highpass filter for POTS and Echo cancellation
■
Fixed XTAL
■
2.2MHz signal bandwidth / 4.3 kHz tone spacing
■
Supply voltages: 3.3V and 5V
■
Temperature range: -40°C to 85°C
■
Typical power consumption 900 mW
■
Package: TQFP100
6.2 ST20196 FEATURES
■
DMT modulation
■
Max. number of bit per tone: 15 bits (32766 constellation points)
■
Max. number of tones: 512 tones
■
Flexible bit assignment
■
Max clock speed: 36 MHz
■
Max. tone spacing: 4.325 kHz
■
RS encoder: max code word 256 bytes
■
ATM Processor:
– ATM cell buffering
– Cell counting
– Insert/Extract, Idle/Unassigned ATM cells (rate adaptation)
– ATM HEC generation module (CCITT I.432)
– ATM payload scrambler: payload width: 48 bytes
■
Full support of Utopia level 1 or 2 interface
■
Cached ARM controller for improved performance
■
Modem Command interface
– compatible with Utopia level 2 8-bit parallel management interface
– ST's CtrlE modem control command protocol
– Access through parallel 8bit bus or asynchronous serial port
– Dual port RAM mailbox
■
Interface to ReachDSL™ engine
■
Supply voltages: 3.3V and 1.2V
■
Temperature range: -40°C to 85°C
■
Typical power consumption 700 mW
■
Package: LBGA208



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com