Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3390 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP3390 Datasheet

  • # Example questions: ➢ What is the primary function of the soft-start feature in the lp3390, and why is it important?
    ➢ What thermal consideration is crucial for continuous operation of the lp3390, and how is maximum power dissipation calculated?
    ➢ What is the recommended method for dimming the led brightness with the lp3390 to minimize audio noise?

  • Part No.LP3390
    ManufacturerPOWER
    Size299 Kbytes
    Pages8 pages
    Description1.2MHzFixed-Frequency PWM Operation
    Datasheet Summary with AI

    ## Summary of the LP3390 Datasheet

    This document is a datasheet for the LP3390, a power management IC likely designed for LED driving and/or constant voltage applications. Here's a breakdown of the key information:

    Core Functionality:

    ️· LED Driver/Constant Voltage Regulator: The chip can be configured for either driving LEDs with constant current or providing a regulated constant voltage output.
    ️· Dimming Control: Supports multiple dimming methods: PWM signal on the EN pin, DC voltage adjustment, and filtered PWM signal.
    ️· Protection Features: Includes Over Voltage Protection (OVP), Under Voltage Lockout (UVLO), Over Current Protection (OCP), and Over Temperature Protection (OTP).
    ️· Soft Start: Integrated soft-start function to limit inrush current.

    Key Specifications/Features:

    ️· Feedback Voltage: Typically 200mV for current setting and regulation.
    ️· OVP Threshold: ~29V
    ️· RDS(ON): 0.5 Ohms (MOSFET on-resistance)
    ️· Package: SOT-23-6 (small surface-mount package).
    ️· Thermal Considerations: Requires careful PCB layout for heat dissipation. Maximum junction temperature is 125°C.

    Application Notes & Design Considerations:


    ️· PCB Layout: Emphasis on minimizing trace lengths, good grounding, and proper capacitor placement for noise reduction.
    ️· Dimming Control: Specific guidelines and equations for using each dimming method (PWM, DC voltage, filtered PWM).
    ️· Power Sequencing: Input voltage must be stable before enabling the chip.
    ️· Thermal Management: Critical for continuous operation; requires appropriate heat sinking and PCB layout.



    Overall: The LP3390 is a compact and versatile power management IC suitable for applications where efficient LED driving or a regulated voltage output is needed, coupled with a focus on protection and thermal management. The datasheet provides detailed specifications, application notes, and layout guidelines for successful implementation.

    ## Summary of the LP3390 Datasheet

    This document is a datasheet for the LP3390, a power management IC likely designed for LED driving and/or constant voltage applications. Here's a breakdown of the key information:

    Core Functionality:

    ️· LED Driver/Constant Voltage Regulator: The chip can be configured for either driving LEDs with constant current or providing a regulated constant voltage output.
    ️· Dimming Control: Supports multiple dimming methods: PWM signal on the EN pin, DC voltage adjustment, and filtered PWM signal.
    ️· Protection Features: Includes Over Voltage Protection (OVP), Under Voltage Lockout (UVLO), Over Current Protection (OCP), and Over Temperature Protection (OTP).
    ️· Soft Start: Integrated soft-start function to limit inrush current.

    Key Specifications/Features:

    ️· Feedback Voltage: Typically 200mV for current setting and regulation.
    ️· OVP Threshold: ~29V
    ️· RDS(ON): 0.5 Ohms (MOSFET on-resistance)
    ️· Package: SOT-23-6 (small surface-mount package).
    ️· Thermal Considerations: Requires careful PCB layout for heat dissipation. Maximum junction temperature is 125°C.

    Application Notes & Design Considerations:

    ️· PCB Layout: Emphasis on minimizing trace lengths, good grounding, and proper capacitor placement for noise reduction.
    ️· Dimming Control: Specific guidelines and equations for using each dimming method (PWM, DC voltage, filtered PWM).
    ️· Power Sequencing: Input voltage must be stable before enabling the chip.
    ️· Thermal Management: Critical for continuous operation; requires appropriate heat sinking and PCB layout.



    Overall: The LP3390 is a compact and versatile power management IC suitable for applications where efficient LED driving or a regulated voltage output is needed, coupled with a focus on protection and thermal management. The datasheet provides detailed specifications, application notes, and layout guidelines for successful implementation.

    Part No.LP3390
    ManufacturerPOWER
    Size299 Kbytes
    Pages8 pages
    Description1.2MHzFixed-Frequency PWM Operation
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com