Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3390 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3390
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3390 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3390 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP3390
LP3390 Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 6 of 8
get different output current. The LED current can be
calculated by the following equation.
Constant Output Voltage Control
The output voltage of the LP3390 can be adjusted by
the divider circuit on the FB pin. The output voltage
can be calculated by the following Equations.
Power Sequence
In order to assure the normal soft start function for
suppressing the inrush current the input voltage
should be ready before EN pulls high.
Soft-Start
The function of soft-start is made for suppressing the
inrush current to an acceptable value at the
beginning of power on. The LP3390 provides a
built-in soft-start function by clamping the output
voltage of error amplifier so that the duty cycle of the
PWM will be increased gradually in the soft-start
period.
Current Limiting
The current flow through inductor as charging period
is detected by a current sensing circuit. As the value
comes across the current limiting threshold, the
N-MOSFET will be turned off so that the inductor will
be forced to leave charging stage and enter
discharging stage. Therefore, the inductor current
will not increase over the current limiting threshold.
OVP/UVLO/OTP
The Over Voltage Protection is detected by a
junction breakdown detecting circuit. Once VOUT
goes over the detecting voltage, LX pin stops
switching and the power N-MOSFET will be turned
off. Then, the VOUT will be clamped to be near
VOVP. As the output voltage is higher than a
specified value or input voltage is lower than a
specified value, the chip will enter protection mode to
prevent abnormal function. As the die temperature is
higher then 160°C, the chip also will enter protection
mode. The power MOSFET will be turned off during
protection mode to prevent abnormal operation.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The
maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference
between junction to ambient. The maximum power
dissipation can be calculated by following formula :
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
qJA is the junction to ambient thermal resistance.
For
the
recommended
operating
conditions
specification of LP3390, the maximum junction
temperature of the die is 125°C. The junction to
ambient thermal resistance Qja is layout dependent.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com