Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3390 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3390
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3390 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3390 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP3390
LP3390 Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 2 of 8
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
GND
Ground Pin
2
VIN2
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the input
noise.
3
EN2
Chip Enable (Active High). Voltage sensing input to trigger the function of over
voltage protection. Note that this pin is high impedance. There should be a pull
low 100kΩ resistor connected to GND when the control signal is floating.
4
FB1
Feedback Reference Voltage Pin. Series connect a resistor between WLED and
ground as a current sense. Sense the current feedback voltage to set the
current rating. FB voltage is 200mV.
5
SW1
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track
area to reduce EMI.
6
VIN1
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the input
noise.
7
OVP
OVP Pin. Overvoltage Sense. When VOUT is greater than 29V, the internal
N-channel MOSFET turns off until VOUT drops below 29V, then the IC reenters
start. Connect a 1uF capacitor from OUT to GND
8
EN1
Chip Enable (Active High). Voltage sensing input to trigger the function of over
voltage protection. Note that this pin is high impedance. There should be a pull
low 100kΩ resistor connected to GND when the control signal is floating.
9
FB2
Feedback Reference Voltage Pin. Series connect a resistor between WLED and
ground as a current sense. Sense the current feedback voltage to set the
current rating. FB voltage is 1250mV.
10
SW2
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track
area to reduce EMI.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com